Electronic Components Datasheet Search
  English  ▼

X  

Z8F0813 Datasheet(PDF) 53 Page - Zilog, Inc.

Part # Z8F0813
Description  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0813 Datasheet(HTML) 53 Page - Zilog, Inc.

Back Button Z8F0813 Datasheet HTML 49Page - Zilog, Inc. Z8F0813 Datasheet HTML 50Page - Zilog, Inc. Z8F0813 Datasheet HTML 51Page - Zilog, Inc. Z8F0813 Datasheet HTML 52Page - Zilog, Inc. Z8F0813 Datasheet HTML 53Page - Zilog, Inc. Z8F0813 Datasheet HTML 54Page - Zilog, Inc. Z8F0813 Datasheet HTML 55Page - Zilog, Inc. Z8F0813 Datasheet HTML 56Page - Zilog, Inc. Z8F0813 Datasheet HTML 57Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
Direct LED Drive
Z8 Encore! XP® F0823 Series
Product Specification
38
Direct LED Drive
The Port C pins provide a current sinked output capable of driving an LED without requir-
ing an external resistor. The output sinks current at programmable levels of 3mA, 7mA,
13mA, and 20mA. This mode is enabled through the LED control registers. The LED
Drive Enable (LEDEN) register turns on the drivers. The LED Drive Level (LEDLVLH
and LEDLVLL) registers select the sink current.
Port C4
PC0
Reserved
AFS1[0]: 0
ANA4/CINP
ADC or Comparator Input
AFS1[0]: 1
PC1
Reserved
AFS1[1]: 0
ANA5/CINN
ADC or Comparator Input
AFS1[1]: 1
PC2
Reserved
AFS1[2]: 0
ANA6/VREF
6
ADC Analog Input or ADC Voltage Refer-
ence
AFS1[2]: 1
PC3
COUT
Comparator Output
AFS1[3]: 0
Reserved
AFS1[3]: 1
PC4
Reserved
AFS1[4]: 0
AFS1[4]: 1
PC5
Reserved
AFS1[5]: 0
AFS1[5]: 1
PC6
Reserved
AFS1[6]: 0
AFS1[6]: 1
PC7
Reserved
AFS1[7]: 0
AFS1[7]: 1
Table 17. Port Alternate Function Mapping (Non 8-Pin Parts) (Continued)
Port
Pin
Mnemonic
Alternate Function Description
Alternate Function
Set Register AFS1
Notes:
1. Because there is only a single alternate function for each Port A pin, the Alternate Function Set registers are not
implemented for Port A. Enabling alternate function selections as described in the Port A–C Alternate Function
Subregisters section on page 43 automatically enables the associated alternate function.
2. Whether PA0/PA6 take on the timer input or timer output complement function depends on the timer configura-
tion as described in the Timer Pin Signal Operation section on page 83.
3. Because there are at most two choices of alternate function for any pin of Port B, the Alternate Function Set reg-
ister AFS2 is implemented but not used to select the function. Also, alternate function selection as described in
the Port A–C Alternate Function Subregisters section on page 43 must also be enabled.
4. VREF is available on PB5 in 28-pin products only.
5. Because there are at most two choices of alternate function for any pin of Port C, the Alternate Function Set reg-
ister AFS2 is implemented but not used to select the function. Also, Alternate Function selection as described in
the Port A–C Alternate Function Subregisters section on page 43 must also be enabled.
6. VREF is available on PC2 in 20-pin parts only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com