Electronic Components Datasheet Search
  English  ▼

X  

Z8F0813 Datasheet(PDF) 48 Page - Zilog, Inc.

Part # Z8F0813
Description  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0813 Datasheet(HTML) 48 Page - Zilog, Inc.

Back Button Z8F0813 Datasheet HTML 44Page - Zilog, Inc. Z8F0813 Datasheet HTML 45Page - Zilog, Inc. Z8F0813 Datasheet HTML 46Page - Zilog, Inc. Z8F0813 Datasheet HTML 47Page - Zilog, Inc. Z8F0813 Datasheet HTML 48Page - Zilog, Inc. Z8F0813 Datasheet HTML 49Page - Zilog, Inc. Z8F0813 Datasheet HTML 50Page - Zilog, Inc. Z8F0813 Datasheet HTML 51Page - Zilog, Inc. Z8F0813 Datasheet HTML 52Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
General-Purpose Input/Output
Z8 Encore! XP® F0823 Series
Product Specification
33
General-Purpose Input/Output
Z8 Encore! XP F0823 Series products support a maximum of 24 port pins (Ports A–C) for
general-purpose input/output (GPIO) operations. Each port contains control and data reg-
isters. The GPIO control registers determine data direction, open-drain, output drive cur-
rent, programmable pull-ups, Stop Mode Recovery functionality, and alternate pin
functions. Each port pin is individually programmable. In addition, the Port C pins are
capable of direct LED drive at programmable drive strengths.
GPIO Port Availability By Device
Table 15 lists the port pins available with each device and package type.
Table 15. Port Availability by Device and Package Type
Devices
Package
10-Bit ADC
Port A
Port B
Port C
Total I/O
Z8F0823SB, Z8F0823PB
Z8F0423SB, Z8F0423PB
Z8F0223SB, Z8F0223PB
Z8F0123SB, Z8F0123PB
8-pin
Yes
[5:0]
No
No
6
Z8F0813SB, Z8F0813PB
Z8F0413SB, Z8F0413PB
Z8F0213SB, Z8F0213PB
Z8F0113SB, Z8F011vPB
8-pin
No
[5:0]
No
No
6
Z8F0823PH, Z8F0823HH
Z8F0423PH, Z8F0423HH
Z8F0223PH, Z8F0223HH
Z8F0123PH, Z8F0123HH
20-pin
Yes
[7:0]
[3:0]
[3:0]
16
Z8F0813PH, Z8F0813HH
Z8F0413PH, Z8F0413HH
Z8F0213PH, Z8F0213HH
Z8F0113PH, Z8F0113HH
20-pin
No
[7:0]
[3:0]
[3:0]
16
Z8F0823PJ, Z8F0823SJ
Z8F0423PJ, Z8F0423SJ
Z8F0223PJ, Z8F0223SJ
Z8F0123PJ, Z8F0123SJ
28-pin
Yes
[7:0]
[5:0]
[7:0]
22
Z8F0813PJ, Z8F0813SJ
Z8F0413PJ, Z8F0413SJ
Z8F0213PJ, Z8F0213SJ
Z8F0113PJ, Z8F0113SJ
28-pin
No
[7:0]
[7:0]
[7:0]
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com