Electronic Components Datasheet Search
  English  ▼

X  

Z8F0813 Datasheet(PDF) 63 Page - Zilog, Inc.

Part # Z8F0813
Description  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0813 Datasheet(HTML) 63 Page - Zilog, Inc.

Back Button Z8F0813 Datasheet HTML 59Page - Zilog, Inc. Z8F0813 Datasheet HTML 60Page - Zilog, Inc. Z8F0813 Datasheet HTML 61Page - Zilog, Inc. Z8F0813 Datasheet HTML 62Page - Zilog, Inc. Z8F0813 Datasheet HTML 63Page - Zilog, Inc. Z8F0813 Datasheet HTML 64Page - Zilog, Inc. Z8F0813 Datasheet HTML 65Page - Zilog, Inc. Z8F0813 Datasheet HTML 66Page - Zilog, Inc. Z8F0813 Datasheet HTML 67Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
GPIO Control Register Definitions
Z8 Encore! XP® F0823 Series
Product Specification
48
Port A–C Alternate Function Set 1 Subregisters
The Port A–C Alternate Function Set1 Subregister (Table 28) is accessed through the Port
A–C Control Register by writing 07H to the Port A–C Address Register. The Alternate
Function Set 1 subregisters selects the alternate function available at a port pin. Alternate
Functions selected by setting or clearing bits of this register are defined in “GPIO Alter-
nate Functions” on page 34
.
Alternate function selection on port pins must also be enabled as described in the Port A–
C Alternate Function Subregisters section on page 43.
Table 28. Port A–C Alternate Function Set 1 Subregisters (PAFS1x)
Bit
7
6
5
4
3
2
1
0
Field
PAFS17
PAFS16
PAFS15
PAFS14
PAFS13
PAFS12
PAFS11
PAFS10
RESET
00H (all ports of 20/28 pin devices); 04H (Port A of 8-pin device)
R/W
R/WR/W
R/WR/WR/WR/WR/WR/W
Address
If 07H in Port A–C Address Register, accessible through the Port A–C Control Register
Bit
Description
[7:0]
PAFS1x
Port Alternate Function Set to 1
0 = Port Alternate Function selected as defined in Table 15 (see the GPIO Alternate Functions
section on page 34).
1 = Port Alternate Function selected as defined in Table 15 (see the GPIO Alternate Functions
section on page 34).
Note: x indicates the specific GPIO port pin number (7–0).
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com