Electronic Components Datasheet Search
  English  ▼

X  

PI7C8140AMA Datasheet(PDF) 77 Page - Pericom Semiconductor Corporation

Part # PI7C8140AMA
Description  2-Port PCI-to-PCI Bridge
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8140AMA Datasheet(HTML) 77 Page - Pericom Semiconductor Corporation

Back Button PI7C8140AMA Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 75Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 76Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 81Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
PI7C8140A
2-PORT PCI-TO-PCI BRIDGE
Page 77 of 82
March 20, 2007 – Revision 1.01
13.2.43 POWER MANAGEMENT DATA REGISTER – OFFSET 84h
Bit
Function
Type
Description
1:0
Power State
RW
Indicates the current power state of the bridge. If an unimplemented power state
is written to this register, the bridge completes the write transaction, ignores the
write data, and does not change the value of the field. Writing a value of D0
when the previous state was D3 cause a chip reset without asserting S_RESET#
00: D0 state
01: D1 state
10: D2 state
11: D3 state
Reset to 0
7:2
Reserved
RO
Read as 0
8
PME# Enable
RO
Read as 0 as the bridge does not support the PME# pin.
12:9
Data Select
RO
Read as 0 as the data register is not implemented.
14:13
Data Scale
RO
Read as 0 as the data register is not implemented.
15
PME status
RO
Read as 0 as the PME# pin is not implemented.
13.2.44 PRIMARY MASTER TIMEOUT COUNTER REGISTER – OFFSET 88h
Bit
Function
Type
Description
15:0
Primary
Timeout
RW
Primary timeout occurs after 2
15 PCI clocks.
Reset to 8000h.
13.2.45 SECONDARY MASTER TIMEOUT COUNTER REGISTER – OFFSET 88h
Bit
Function
Type
Description
31:16
Secondary
Timeout
RW
Secondary timeout occurs after 2
15 PCI clocks.
Reset to 8000h.
13.2.46 CAPABILITY ID REGISTER – OFFSET 90h
Bit
Function
Type
Description
7:0
Enhanced
Capabilities ID
RO
Read as 06h to indicate that these are power management enhanced capability
registers.
13.2.47 NEXT ITEM POINTER REGISTER – OFFSET 90h
Bit
Function
Type
Description
15:8
Next Item
Pointer
RO
Read as 00h. No other ECP registers.
07-0067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com