Electronic Components Datasheet Search
  English  ▼

X  

PI7C8140AMA Datasheet(PDF) 32 Page - Pericom Semiconductor Corporation

Part # PI7C8140AMA
Description  2-Port PCI-to-PCI Bridge
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8140AMA Datasheet(HTML) 32 Page - Pericom Semiconductor Corporation

Back Button PI7C8140AMA Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 36Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
PI7C8140A
2-PORT PCI-TO-PCI BRIDGE
Page 32 of 82
March 20, 2007 – Revision 1.01
Use more than 16 clocks to accept this transaction.
For delayed read transactions:
The transaction is being entered into the delayed transaction queue.
The read request has already been queued, but read data is not yet available.
Data has been read from target, but it is not yet at head of the read data queue or a posted write
transaction precedes it.
The delayed transaction queue is full, and the transaction cannot be queued.
A delayed read request with the same address and bus command has already been queued.
A locked sequence is being propagated across the bridge, and the read transaction is not a locked
transaction.
The bridge is currently discarding previously pre-fetched read data.
The target bus is locked and the write transaction is a locked transaction.
Use more than 16 clocks to accept this transaction.
For posted write transactions:
The posted write data buffer does not have enough space for address and at least one DWORD of
write data.
A locked sequence is being propagated across the bridge, and the write transaction is not a locked
transaction.
When a target retry is returned to the initiator of a delayed transaction, the initiator must repeat the
transaction with the same address and bus command as well as the data if it is a write transaction,
within the time frame specified by the master timeout value. Otherwise, the transaction is discarded
from the buffers.
2.8.4.2 TARGET DISCONNECT
The bridge returns a target disconnect to an initiator when one of the following conditions is met:
Bridge hits an internal address boundary.
Bridge cannot accept any more write data.
Bridge has no more read data to deliver.
See Section 2.5.4 for a description of write address boundaries, and Section 2.6.4 for a description of
read address boundaries.
2.8.4.3 TARGET ABORT
The bridge returns a target abort to an initiator when one of the following conditions is met:
The bridge is returning a target abort from the intended target.
When the bridge returns a target abort to the initiator, it sets the signaled target abort bit in the
status register corresponding to the initiator interface.
07-0067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com