Electronic Components Datasheet Search
  English  ▼

X  

PI7C8140AMA Datasheet(PDF) 23 Page - Pericom Semiconductor Corporation

Part # PI7C8140AMA
Description  2-Port PCI-to-PCI Bridge
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8140AMA Datasheet(HTML) 23 Page - Pericom Semiconductor Corporation

Back Button PI7C8140AMA Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 27Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
PI7C8140A
2-PORT PCI-TO-PCI BRIDGE
Page 23 of 82
March 20, 2007 – Revision 1.01
required to continue to repeat the same read transaction until at least one data transfer is completed, or
until a target response (target abort or master abort) other than a target retry is received.
2.6.6
DELAYED READ COMPLETION WITH TARGET
When delayed read request reaches the head of the delayed transaction queue, the bridge arbitrates for
the target bus and initiates the read transaction only if all previously queued posted write transactions
have been delivered. The bridge uses the exact read address and read command captured from the
initiator during the initial delayed read request to initiate the read transaction. If the read transaction is a
non-prefetchable read, the bridge drives the captured byte enable bits during the next cycle. If the
transaction is a prefetchable read transaction, it drives all byte enable bits to zero for all data phases. If
the bridge receives a target retry in response to the read transaction on the target bus, it continues to
repeat the read transaction until at least one data transfer is completed, or until an error condition is
encountered. If the transaction is terminated via normal master termination or target disconnect after at
least one data transfer has been completed, the bridge does not initiate any further attempts to read more
data.
If the bridge is unable to obtain read data from the target after 2
24 (default) or 232 (maximum) attempts,
the bridge will report system error. The number of attempts is programmable. The bridge also asserts
P_SERR# if the primary SERR# enable bit is set in the command register. See Section 5.4 for
information on the assertion of P_SERR#.
Once the bridge receives DEVSEL# and TRDY# from the target, it transfers the data read to the
opposite direction read data queue, pointing toward the opposite inter-face, before terminating the
transaction. For example, read data in response to a downstream read transaction initiated on the
primary bus is placed in the upstream read data queue. The bridge can accept one DWORD of read data
each PCI clock cycle; that is, no master wait states are inserted. The number of DWORD’s transferred
during a delayed read transaction depends on the conditions given in Table 2-4 (assuming no disconnect
is received from the target).
2.6.7
DELAYED READ COMPLETION ON INITIATOR BUS
When the transaction has been completed on the target bus, and the delayed read data is at the head of
the read data queue, and all ordering constraints with posted write transactions have been satisfied, the
bridge transfers the data to the initiator when the initiator repeats the transaction. For memory read
transactions, the bridge aliases the memory read, memory read line, and memory read multiple bus
commands when matching the bus command of the transaction to the bus command in the delayed
transaction queue. The bridge returns a target disconnect along with the transfer of the last DWORD of
read data to the initiator. If the bridge initiator terminates the transaction before all read data has been
transferred, the remaining read data left in data buffers is discarded.
When the master repeats the transaction and starts transferring prefetchable read data from data buffers
while the read transaction on the target bus is still in progress and before a read boundary is reached on
the target bus, the read transaction starts operating in flow-through mode. Because data is flowing
through the data buffers from the target to the initiator, long read bursts can then be sustained. In this
case, the read transaction is allowed to continue until the initiator terminates the transaction, or until an
aligned 4KB address boundary is reached, or until the buffer fills, whichever comes first. When the
buffer empties, the bridge reflects the stalled condition to the initiator by disconnecting the initiator
with data. The initiator may retry the transaction later if data are needed. If the initiator does not need
any more data, the initiator will not continue the disconnected transaction. In this case, the bridge will
07-0067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com