Electronic Components Datasheet Search
  English  ▼

X  

PI7C8140AMA Datasheet(PDF) 79 Page - Pericom Semiconductor Corporation

Part # PI7C8140AMA
Description  2-Port PCI-to-PCI Bridge
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8140AMA Datasheet(HTML) 79 Page - Pericom Semiconductor Corporation

Back Button PI7C8140AMA Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 75Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 76Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 81Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 82Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
PI7C8140A
2-PORT PCI-TO-PCI BRIDGE
Page 79 of 82
March 20, 2007 – Revision 1.01
Bit
Function
Type
Description
15:9
Reserved
RO
Reserved. Reset to 0
14
ELECTRICAL AND TIMING SPECIFICATIONS
14.1 MAXIMUM RATINGS
(Above which the useful life may be impaired. For user guidelines not tested).
Storage Temperature
-65
°C to 150°C
Ambient Temperature with Power Applied
0
°C to 85°C
Supply Voltage to Ground Potentials (AVCC and VDD only]
-0.3V to 3.6V
Voltage at Input Pins
-0.5V to 5.5V
Note:
Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any conditions
above those indicated in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
14.2 DC SPECIFICATIONS
Symbol
Parameter
Condition
Min.
Max.
Units
Notes
VDD,
AVCC
Supply Voltage
3
3.6
V
Vih
Input HIGH Voltage
0.5 VDD
VDD + 0.5
V
3, 4
Vil
Input LOW Voltage
-0.5
0.3 VDD
V
3, 4
Vih
CMOS Input HIGH Voltage
0.7 VDD
VDD + 0.5
V
1, 4
Vil
CMOS Input LOW Voltage
-0.5
0.3 VDD
V
1, 4
Vipu
Input Pull-up Voltage
0.7 VDD
V
3
Iil
Input Leakage Current
0 < Vin < VDD
±10
μA
3
Voh
Output HIGH Voltage
Iout = -500μA
0.9VDD
V
3
Vol
Output LOW Voltage
Iout = 1500μA
0.1 VDD
V
3
Voh
CMOS Output HIGH Voltage
Iout = -500μA
VDD – 0.5
V
2
Vol
CMOS Output LOW Voltage
Iout = 1500μA
0.5
V
2
Cin
Input Pin Capacitance
10
pF
3
CCLK
CLK Pin Capacitance
5
12
pF
3
CIDSEL
IDSEL Pin Capacitance
8
pF
3
Lpin
Pin Inductance
20
nH
3
Notes:
1. CMOS Input pins: SCAN_EN, SCAN_TM#
2. PCI pins: P_AD[31:0], P_CBE[3:0], P_PAR, P_FRAME#, P_IRDY#, P_TRDY#, P_DEVSEL#,
P_STOP#, P_LOCK#, P_IDSEL, P_PERR#, P_SERR#, P_REQ#, P_GNT#, P_RST, S_AD[31:0],
S_CBE[3:0], S_PAR, S_FRAME#, S_IRDY#, S_TRDY#, S_DEVSEL#, S_STOP#, S_LOCK#,
S_PERR#, S_SERR#, S_REQ#[3:0], S_GNT#[3:0], S_RST#, LOO, ENUM#.
3. VDD is in reference to the VDD of the input device.
07-0067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com