Electronic Components Datasheet Search
  English  ▼

X  

PI7C8140AMA Datasheet(PDF) 80 Page - Pericom Semiconductor Corporation

Part # PI7C8140AMA
Description  2-Port PCI-to-PCI Bridge
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8140AMA Datasheet(HTML) 80 Page - Pericom Semiconductor Corporation

Back Button PI7C8140AMA Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 75Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 76Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 81Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 82Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
PI7C8140A
2-PORT PCI-TO-PCI BRIDGE
14.3 AC SPECIFICATIONS
Figure 14-1
PCI Signal Timing Measurement Conditions
66 MHz
33 MHz
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
Tsu
Input setup time to CLK – bused signals
1,2,3
3
-
7
-
Tsu(ptp)
Input setup time to CLK – point-to-point
1,2,3
5
-
10, 12
4
-
Th
Input signal hold time from CLK
1,2
0
-
0
-
Tval
CLK to signal valid delay – bused signals
1,2,3
2
Page 80 of 82
March 20, 2007 – Revision 1.01
6
2
11
Tval(ptp)
CLK to signal valid delay – point-to-point
1,2,3
2
6
2
12
Ton
Float to active delay
1,2
2
ns
-
2
-
Active to float delay
1,2
Toff
-
14
-
28
1. See Figure 14-1 PCI Signal Timing Measurement Conditions.
2. All primary interface signals are synchronized to P_CLK. All secondary interface signals are
synchronized to S_CLKOUT.
3. Point-to-point signals are P_REQ#, S_REQ#[3:0], P_GNT#, S_GNT#[3:0], LOO, and ENUM#.
Bused signals are P_AD, P_CBE#, P_PAR, P_PERR#, P_SERR#, P_FRAME#, P_IRDY#, P_TRDY#,
P_LOCK#, P_DEVSEL#, P_STOP#, P_IDSEL, S_AD, S_CBE#, S_PAR, S_PERR#, S_SERR#,
S_FRAME#, S_IRDY#, S_TRDY#, S_LOCK#, S_DEVSEL#, and S_STOP#.
4. REQ# signals have a setup of 10ns and GNT# signals have a setup of 12ns.
07-0067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com