Electronic Components Datasheet Search
  English  ▼

X  

PI7C8140AMA Datasheet(PDF) 24 Page - Pericom Semiconductor Corporation

Part # PI7C8140AMA
Description  2-Port PCI-to-PCI Bridge
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8140AMA Datasheet(HTML) 24 Page - Pericom Semiconductor Corporation

Back Button PI7C8140AMA Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 28Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
PI7C8140A
2-PORT PCI-TO-PCI BRIDGE
Page 24 of 82
March 20, 2007 – Revision 1.01
start the master timeout timer. The remaining read data will be discarded after the master timeout timer
expires. To provide better latency, if there are any other pending data for other transactions in the RDB
(Read Data Buffer), the remaining read data will be discarded even though the master timeout timer has
not expired.
The bridge implements a master timeout timer that starts counting when the delayed read completion is
at the head of the delayed transaction queue, and the read data is at the head of the read data queue. The
initial value of this timer is programmable through configuration register. If the initiator does not repeat
the read transaction and before the master timeout timer expires (2
15 default), the bridge discards the
read transaction and read data from its queues. The bridge also conditionally asserts P_SERR# (see
Section 5.4).
The bridge has the capability to post multiple delayed read requests, up to a maximum of four in each
direction. If an initiator starts a read transaction that matches the address and read command of a read
transaction that is already queued, the current read command is not posted as it is already contained in
the delayed transaction queue.
See Section 4 for a discussion of how delayed read transactions are ordered when crossing the bridge.
2.6.8
FAST BACK-TO-BACK READ TRANSACTIONS
The bridge can recognize fast back-to-back read transactions.
2.7
CONFIGURATION TRANSACTIONS
Configuration transactions are used to initialize a PCI system. Every PCI device has a configuration
space that is accessed by configuration commands. All registers are accessible in configuration space
only.
In addition to accepting configuration transactions for initialization of its own configuration space, the
bridge also forwards configuration transactions for device initialization in hierarchical PCI systems, as
well as for special cycle generation.
To support hierarchical PCI bus systems, two types of configuration transactions are specified: Type 0
and Type 1.
Type 0 configuration transactions are issued when the intended target resides on the same PCI bus as
the initiator. A Type 0 configuration transaction is identified by the configuration command and the
lowest two bits of the address set to 00b.
Type 1 configuration transactions are issued when the intended target resides on another PCI bus, or
when a special cycle is to be generated on another PCI bus. A Type 1 configuration command is
identified by the configuration command and the lowest two address bits set to 01b.
The register number is found in both Type 0 and Type 1 formats and gives the DWORD address of the
configuration register to be accessed. The function number is also included in both Type 0 and Type 1
formats and indicates which function of a multifunction device is to be accessed. For single-function
devices, this value is not decoded. The addresses of Type 1 configuration transaction include a 5-bit
field designating the device number that identifies the device on the target PCI bus that is to be
07-0067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com