Electronic Components Datasheet Search
  English  ▼

X  

PI7C8140AMA Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI7C8140AMA
Description  2-Port PCI-to-PCI Bridge
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8140AMA Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI7C8140AMA Datasheet HTML 1Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 2Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C8140AMA Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
PI7C8140A
2-PORT PCI-TO-PCI BRIDGE
Page 3 of 82
March 20, 2007 – Revision 1.01
REVISION HISTORY
DATE
REVISION NUMBER
DESCRIPTION
11-13-2003
0.01
First Draft of Datasheet
03-04-2004
0.02
First release of datasheet
03-24-2004
0.03
Corrected reference to the retry counter register in section 2.5.3 from
offset 78h to offset 88h.
Corrected reference to the chip control register in section 2.5.4 from
offset 40h to offset 44h.
Changed/revised pin descriptions for P_CLKRUN# and
S_CLKRUN# in section 1.2.3.
Changed pin descriptions for SCAN_EN and SCAN_TM# in section
1.2.4.
Revised pin description for LOO pin in section
05-07-2004
1.00
Added Power consumption and TSKEW data
Initial release of the datasheet to the web
03-20-2007
1.01
Removed solutions@pericom.com contact information
Removed “Advance Information” from headers
PREFACE
The PI7C8140A datasheet will be enhanced periodically when updated information is available. The technical
information in this datasheet is subject to change without notice. This document describes the functionalities of
PI7C8140A and provides technical information for designers to design their hardware using PI7C8140A.
07-0067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com