Electronic Components Datasheet Search
  English  ▼

X  

M24C64-F Datasheet(PDF) 19 Page - STMicroelectronics

Part # M24C64-F
Description  64-Kbit serial I2C bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M24C64-F Datasheet HTML 15Page - STMicroelectronics M24C64-F Datasheet HTML 16Page - STMicroelectronics M24C64-F Datasheet HTML 17Page - STMicroelectronics M24C64-F Datasheet HTML 18Page - STMicroelectronics M24C64-F Datasheet HTML 19Page - STMicroelectronics M24C64-F Datasheet HTML 20Page - STMicroelectronics M24C64-F Datasheet HTML 21Page - STMicroelectronics M24C64-F Datasheet HTML 22Page - STMicroelectronics M24C64-F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
M24C64-W M24C64-R M24C64-F M24C64-DF
Instructions
Doc ID 16891 Rev 27
19/42
5.1.6
Minimizing Write delays by polling on ACK
During the internal Write cycle, the device disconnects itself from the bus, and writes a copy
of the data from its internal latches to the memory cells. The maximum Write time (tw) is
shown in AC characteristics tables in Section 8: DC and AC parameters, but the typical time
is shorter. To make use of this, a polling sequence can be used by the bus master.
The sequence, as shown in Figure 10, is:
●
Initial condition: a Write cycle is in progress.
●
Step 1: the bus master issues a Start condition followed by a device select code (the
first byte of the new instruction).
●
Step 2: if the device is busy with the internal Write cycle, no Ack will be returned and
the bus master goes back to Step 1. If the device has terminated the internal Write
cycle, it responds with an Ack, indicating that the device is ready to receive the second
part of the instruction (the first byte of this instruction having been sent during Step 1).
Figure 10.
Write cycle polling flowchart using ACK
1.
The seven most significant bits of the Device Select code of a Random Read (bottom right box in the
figure) must be identical to the seven most significant bits of the Device Select code of the Write (polling
instruction in the figure).
Write cycle
in progress
AI01847d
AI01847e
Next
Operation is
addressing the
memory
Start condition
Device select
with RW = 0
ACK
returned
YES
NO
YES
NO
ReStart
Stop
Data for the
Write cperation
Device select
with RW = 1
Send Address
and Receive ACK
First byte of instruction
with RW = 0 already
decoded by the device
YES
NO
StartCondition
Continue the
Write operation
Continue the
Random Read operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com