Electronic Components Datasheet Search
  English  ▼

X  

M24C64-F Datasheet(PDF) 26 Page - STMicroelectronics

Part # M24C64-F
Description  64-Kbit serial I2C bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-F Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M24C64-F Datasheet HTML 22Page - STMicroelectronics M24C64-F Datasheet HTML 23Page - STMicroelectronics M24C64-F Datasheet HTML 24Page - STMicroelectronics M24C64-F Datasheet HTML 25Page - STMicroelectronics M24C64-F Datasheet HTML 26Page - STMicroelectronics M24C64-F Datasheet HTML 27Page - STMicroelectronics M24C64-F Datasheet HTML 28Page - STMicroelectronics M24C64-F Datasheet HTML 29Page - STMicroelectronics M24C64-F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
DC and AC parameters
M24C64-W M24C64-R M24C64-F M24C64-DF
26/42
Doc ID 16891 Rev 27
Table 13.
DC characteristics (M24C64-W, device grade 6)
Symbol
Parameter
Test conditions (see Table 6)Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA, E2, E1,
E0)
VIN = VSS or VCC
device in Standby mode
± 2
µA
ILO
Output leakage
current
SDA in Hi-Z, external voltage applied
on SDA: VSS or VCC
± 2
µA
ICC
Supply current (Read)
2.5 V < VCC < 5.5 V, fc = 400 kHz
(rise/fall time < 50 ns)
2mA
2.5 V < VCC < 5.5 V, fc = 1 MHz
(1)
(rise/fall time < 50 ns)
1.
Only for devices identified with process letter K.
2.5
mA
ICC0
Supply current (Write) During tW, 2.5 V < VCC < 5.5 V
5(2)
2.
Characterized value, not tested in production.
mA
ICC1
Standby supply
current
Device not selected(3), VIN = VSS or
VCC, VCC = 2.5 V
3.
The device is not selected after power-up, after a Read instruction (after the Stop condition), or after the
completion of the internal write cycle tW (tW is triggered by the correct decoding of a Write instruction).
2µA
Device not selected(3), VIN = VSS or
VCC, VCC = 5.5 V
5(4)
4.
The new M24C64-W devices (identified by the process letter K) offer ICC1 = 3µA (max)
µA
VIL
Input low voltage
(SCL, SDA, WC)
–0.45
0.3 VCC
V
VIH
Input high voltage
(SCL, SDA)
0.7 VCC
6.5
V
Input high voltage
(WC, E2, E1, E0)
0.7 VCC VCC+0.6
V
VOL
Output low voltage
IOL = 2.1 mA, VCC = 2.5 V or
IOL = 3 mA, VCC = 5.5 V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com