| Electronic Components Datasheet Search |
|
M24C64-F Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64-F Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 42 page ![]() Instructions M24C64-W M24C64-R M24C64-F M24C64-DF 20/42 Doc ID 16891 Rev 27 5.2 Read operations Read operations are performed independently of the state of the Write Control (WC) signal. After the successful completion of a Read operation, the device internal address counter is incremented by one, to point to the next byte address. For the Read instructions, after each byte read (data out), the device waits for an acknowledgment (data in) during the 9th bit time. If the bus master does not acknowledge during this 9th time, the device terminates the data transfer and switches to its Standby mode. Figure 11. Read mode sequences 5.2.1 Random Address Read A dummy Write is first performed to load the address into this address counter (as shown in Figure 11) but without sending a Stop condition. Then, the bus master sends another Start condition, and repeats the device select code, with the RW bit set to 1. The device acknowledges this, and outputs the contents of the addressed byte. The bus master must not acknowledge the byte, and terminates the transfer with a Stop condition. Dev sel * Byte addr Byte addr Dev sel Data out 1 AI01105d Data out N Current Address Read Dev sel Data out Random Address Read Dev sel * Data out Sequential Current Read Data out N Dev sel * Byte addr Byte addr Sequention Random Read Dev sel * Data out1 ACK R/W NO ACK ACK R/W ACK ACK ACK R/W ACK ACK ACK NO ACK R/W NO ACK ACK ACK ACK R/W ACK ACK R/W ACK NO ACK |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |