Electronic Components Datasheet Search
  English  ▼

X  

M24C64-F Datasheet(PDF) 38 Page - STMicroelectronics

Part # M24C64-F
Description  64-Kbit serial I2C bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-F Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M24C64-F Datasheet HTML 34Page - STMicroelectronics M24C64-F Datasheet HTML 35Page - STMicroelectronics M24C64-F Datasheet HTML 36Page - STMicroelectronics M24C64-F Datasheet HTML 37Page - STMicroelectronics M24C64-F Datasheet HTML 38Page - STMicroelectronics M24C64-F Datasheet HTML 39Page - STMicroelectronics M24C64-F Datasheet HTML 40Page - STMicroelectronics M24C64-F Datasheet HTML 41Page - STMicroelectronics M24C64-F Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Package mechanical data
M24C64-W M24C64-R M24C64-F M24C64-DF
38/42
Doc ID 16891 Rev 27
Figure 21.
Thin WLCSP 8-bump wafer-length chip-scale package outline
1.
Drawing is not to scale.
2.
The index on the wafer back side (circle) is above the index of the bump side (triangle/arrow).
Table 23.
Thin WLCSP 8-bump wafer-length chip-scale package mechanical data(1)
1.
These data are preliminary.
Symbol
millimeters
inches(2)
2.
Values in inches are converted from mm and rounded to four decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.315
0.300
0.330
0.0124
0.0118
0.0130
A1
0.115
0.0045
A2
0.200
0.0079
b(3)
3.
Dimension measured at the maximum bump diameter parallel to primary datum Z.
0.160
0.0063
D
1.073
1.093
0.0422
0.0430
E
0.959
0.979
0.0378
0.0385
e
0.693
0.0273
e1
0.800
0.0315
e2
0.400
0.0157
F
0.133
0.0052
G
0.137
0.00524
aaa
0.110
0.0043
eee
0.060
0.0043



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com