Electronic Components Datasheet Search
  English  ▼

X  

M24C64-F Datasheet(PDF) 23 Page - STMicroelectronics

Part # M24C64-F
Description  64-Kbit serial I2C bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24C64-F Datasheet HTML 19Page - STMicroelectronics M24C64-F Datasheet HTML 20Page - STMicroelectronics M24C64-F Datasheet HTML 21Page - STMicroelectronics M24C64-F Datasheet HTML 22Page - STMicroelectronics M24C64-F Datasheet HTML 23Page - STMicroelectronics M24C64-F Datasheet HTML 24Page - STMicroelectronics M24C64-F Datasheet HTML 25Page - STMicroelectronics M24C64-F Datasheet HTML 26Page - STMicroelectronics M24C64-F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
M24C64-W M24C64-R M24C64-F M24C64-DF
Maximum rating
Doc ID 16891 Rev 27
23/42
7
Maximum rating
Stressing the device outside the ratings listed in Table 5 may cause permanent damage to
the device. These are stress ratings only, and operation of the device at these, or any other
conditions outside those indicated in the operating sections of this specification, is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 5.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
Ambient operating temperature
–40
130
°C
TSTG
Storage temperature
–65
150
°C
TLEAD
Lead temperature during soldering
see note(1)
1.
Compliant with JEDEC Std J-STD-020D (for small body, Sn-Pb or Pb assembly), the ST ECOPACK®
7191395 specification, and the European directive on Restrictions on Hazardous Substances (RoHS)
2002/95/EU.
°C
PDIP-specific lead temperature during soldering
260(2)
2.
TLEAD max must not be applied for more than 10 s.
°C
VIO
Input or output range
–0.50
6.5
V
IOL
DC output current (SDA = 0)
-
5
mA
VCC
Supply voltage
–0.50
6.5
V
VESD
Electrostatic pulse (Human Body model)(3)
3.
Positive and negative pulses applied on different combinations of pin connections, according to AEC-
Q100-002 (compliant with JEDEC Std JESD22-A114, C1=100 pF, R1=1500
Ω).
-4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com