Electronic Components Datasheet Search
  English  ▼

X  

M24C64-F Datasheet(PDF) 25 Page - STMicroelectronics

Part # M24C64-F
Description  64-Kbit serial I2C bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-F Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M24C64-F Datasheet HTML 21Page - STMicroelectronics M24C64-F Datasheet HTML 22Page - STMicroelectronics M24C64-F Datasheet HTML 23Page - STMicroelectronics M24C64-F Datasheet HTML 24Page - STMicroelectronics M24C64-F Datasheet HTML 25Page - STMicroelectronics M24C64-F Datasheet HTML 26Page - STMicroelectronics M24C64-F Datasheet HTML 27Page - STMicroelectronics M24C64-F Datasheet HTML 28Page - STMicroelectronics M24C64-F Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
M24C64-W M24C64-R M24C64-F M24C64-DF
DC and AC parameters
Doc ID 16891 Rev 27
25/42
Figure 12.
AC measurement I/O waveform
Table 10.
Input parameters
Symbol
Parameter(1)
1.
Characterized only, not tested in production.
Test condition
Min.
Max.
Unit
CIN
Input capacitance (SDA)
8
pF
CIN
Input capacitance (other pins)
6
pF
ZL
Input impedance (E2, E1, E0, WC)(2)
2.
E2, E1, E0 input impedance when the memory is selected (after a Start condition).
VIN < 0.3 VCC
30
k
Ω
ZH
VIN > 0.7 VCC
500
k
Ω
Table 11.
Cycling performance by groups of four bytes
Symbol
Parameter
Test condition(1)
1.
Cycling performance for products identified by process letter K.
Max.
Unit
Ncycle
Write cycle
endurance(2)
2.
The Write cycle endurance is defined for groups of four data bytes located at addresses [4*N, 4*N+1,
4*N+2, 4*N+3] where N is an integer. The Write cycle endurance is defined by characterization and
qualification.
TA
≤ 25 °C, VCC(min) < VCC < VCC(max) 4,000,000
Write cycle(3)
3.
A Write cycle is executed when either a Page Write, a Byte Write, a Write Identification Page or a Lock
Identification Page instruction is decoded. When using the Byte Write, the Page Write or the Write
Identification Page, refer also to Section 5.1.5: ECC (Error Correction Code) and Write cycling.
TA = 85 °C, VCC(min) < VCC < VCC(max)
1,200,000
Table 12.
Memory cell data retention
Parameter
Test condition
Min.
Unit
Data retention(1)
1.
For products identified by process letter K. The data retention behavior is checked in production. The 200-
year limit is defined from characterization and qualification results.
TA = 55 °C
200
Year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com