Electronic Components Datasheet Search
  English  ▼

X  

M24C64-F Datasheet(PDF) 39 Page - STMicroelectronics

Part # M24C64-F
Description  64-Kbit serial I2C bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-F Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M24C64-F Datasheet HTML 34Page - STMicroelectronics M24C64-F Datasheet HTML 35Page - STMicroelectronics M24C64-F Datasheet HTML 36Page - STMicroelectronics M24C64-F Datasheet HTML 37Page - STMicroelectronics M24C64-F Datasheet HTML 38Page - STMicroelectronics M24C64-F Datasheet HTML 39Page - STMicroelectronics M24C64-F Datasheet HTML 40Page - STMicroelectronics M24C64-F Datasheet HTML 41Page - STMicroelectronics M24C64-F Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
M24C64-W M24C64-R M24C64-F M24C64-DF
Part numbering
Doc ID 16891 Rev 27
39/42
10
Part numbering
Table 24.
Ordering information scheme
Example:
M24C64 - D
W MN 6
T
P /P
Device type
M24 = I2C serial access EEPROM
Device function
C64 = 64 Kbit (8192 x 8)
Device family
Blank: Without Identification page
D: With additional Identification page
Operating voltage
W = VCC = 2.5 V to 5.5 V
R = VCC = 1.8 V to 5.5 V
F = VCC = 1.7 V to 5.5 V
Package
BN = PDIP8(1)
1.
RoHS-compliant (ECOPACK1®)
MN = SO8 (150 mil width)(2)
2.
RoHS-compliant and halogen-free (ECOPACK2®)
DW = TSSOP8 (169 mil width)(2)
MC = UFDFPN8 (MLP8)(2)
CS = 5-bump WLCSP(2)
CT = 8-bump Thin WLCSP(2)
Device grade
6 = Industrial: device tested with standard test flow over –40 to 85 °C
Option
blank = standard packing
T = Tape and reel packing
Plating technology
P or G = ECOPACK® (RoHS compliant)
Process(3)
3.
The process letters appear on the device package (marking) and on the shipment box. Please contact
your nearest ST Sales Office for further information.
/P or /K = Manufacturing technology code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com