Electronic Components Datasheet Search
  English  ▼

X  

AD7942 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7942
Description  14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 4 Page - Analog Devices

  AD7942 Datasheet HTML 1Page - Analog Devices AD7942 Datasheet HTML 2Page - Analog Devices AD7942 Datasheet HTML 3Page - Analog Devices AD7942 Datasheet HTML 4Page - Analog Devices AD7942 Datasheet HTML 5Page - Analog Devices AD7942 Datasheet HTML 6Page - Analog Devices AD7942 Datasheet HTML 7Page - Analog Devices AD7942 Datasheet HTML 8Page - Analog Devices AD7942 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7942
Rev. B | Page 4 of
24
Parameter
Conditions
Min
Typ
Max
Unit
DIGITAL OUTPUTS
Data Format
Serial 14 bits straight binary
Pipeline Delay
Conversion results available
immediately after
completed conversion
VOL
ISINK = +500 μA
0.4
V
VOH
ISOURCE = −500 μA
VIO − 0.3
V
POWER SUPPLIES
VDD
Specified performance
2.3
5.5
V
VIO
Specified performance
2.3
VDD + 0.3
V
VIO Range
1.8
VDD + 0.3
V
Standby Current4, 5
VDD and VIO = 5 V, @ 25°C
1
50
nA
Power Dissipation
VDD = 2.5 V, 100 SPS throughput
1.25
μW
VDD = 2.5 V, 100 kSPS throughput
1.25
2
mW
VDD = 2.5 V, 200 kSPS throughput
2.5
4
mW
VDD = 5 V, 100 kSPS throughput
3.6
5
mW
VDD = 5 V, 250 kSPS throughput
12.5
mW
TEMPERATURE RANGE6
Specified Performance
TMIN to TMAX
−40
+85
°C
1 LSB means least significant bit. With a 5 V input range, 1 LSB = 305.2 μV.
2 See the Terminology section. These specifications do include full temperature range variation but do not include the error contribution from the external reference.
3 All specifications in decibels are referred to a full-scale input, FS. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
4 With all digital inputs forced to VIO or GND as required.
5 During acquisition phase.
6 Contact Analog Devices, Inc., sales for an extended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com