Electronic Components Datasheet Search
  English  ▼

X  

AD7942 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7942
Description  14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7942 Datasheet HTML 6Page - Analog Devices AD7942 Datasheet HTML 7Page - Analog Devices AD7942 Datasheet HTML 8Page - Analog Devices AD7942 Datasheet HTML 9Page - Analog Devices AD7942 Datasheet HTML 10Page - Analog Devices AD7942 Datasheet HTML 11Page - Analog Devices AD7942 Datasheet HTML 12Page - Analog Devices AD7942 Datasheet HTML 13Page - Analog Devices AD7942 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7942
Rev. B | Page 10 of
24
SNR
SINAD
ENOB
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
REFERENCE VOLTAGE (V)
15.0
14.5
14.0
13.5
13.0
86
85
84
83
82
Figure 11. SNR, SINAD, and ENOB vs. Reference Voltage
90
85
80
75
70
0
50
100
150
200
FREQUENCY (kHz)
VREF = 2.5V, –1dB
VREF = 5V, –1dB
VREF = 5V, –10dB
Figure 12. SINAD vs. Frequency
75
80
85
90
95
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VREF = 5V
VREF = 2.5V
Figure 13. SNR vs. Temperature
–80
–85
–90
–95
–100
–105
–110
–115
0
40
80
120
160
200
FREQUENCY (kHz)
VREF = 2.5V, –1dB
VREF = 5V, –1dB
Figure 14. THD vs. Frequency
–120
–110
–100
–90
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VREF = 5V
VREF = 2.5V
Figure 15. THD vs. Temperature
VDD
VIO
fS = 100kSPS
1000
750
500
250
0
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
SUPPLY (V)
Figure 16. Operating Currents vs. Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com