Electronic Components Datasheet Search
  English  ▼

X  

AD7942 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7942
Description  14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7942 Datasheet HTML 9Page - Analog Devices AD7942 Datasheet HTML 10Page - Analog Devices AD7942 Datasheet HTML 11Page - Analog Devices AD7942 Datasheet HTML 12Page - Analog Devices AD7942 Datasheet HTML 13Page - Analog Devices AD7942 Datasheet HTML 14Page - Analog Devices AD7942 Datasheet HTML 15Page - Analog Devices AD7942 Datasheet HTML 16Page - Analog Devices AD7942 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD7942
Rev. B | Page 13 of
24
THEORY OF OPERATION
SW+
MSB
4096C
IN+
LSB
COMP
CONTROL
LOGIC
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
REF
GND
IN–
4C
2C
C
C
8192C
SW–
MSB
4096C
LSB
4C
2C
C
C
8192C
Figure 21. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7942 is a fast, low power, single-supply, precise 14-bit
ADC using successive approximation architecture.
The AD7942 is capable of converting 250,000 samples per
second (250 kSPS) and powers down between conversions.
When operating at 100 SPS, for example, it consumes typically
1.25 μW with a 2.5 V power supply, which is ideal for battery-
powered applications.
The AD7942 provides the user with an on-chip track-and-hold
and does not exhibit any pipeline delay or latency, making it
ideal for multiple, multiplexed channel applications.
The AD7942 is specified from 2.3 V to 5.5 V and can be inter-
faced to a 1.8 V, 2.5 V, 3.3 V, or 5 V digital logic. It is housed in
a 10-lead MSOP or a tiny 10-lead QFN (LFCSP) that is space
saving, yet allows flexible configurations. It is pin-for-pin-
compatible with the 16-bit ADC AD7685.
CONVERTER OPERATION
The AD7942 is a successive approximation ADC based on a
charge redistribution DAC. Figure 21 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 14 binary weighted capacitors, which are
connected to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
input of the comparator are connected to GND via SW+ and
SW−. All independent switches are connected to the analog
inputs. Thus, the capacitor arrays are used as sampling
capacitors and acquire the analog signal on the IN+ and IN−
inputs. When the acquisition phase is complete and the CNV
input goes high, a conversion phase is initiated. When the
conversion phase starts, SW+ and SW− are opened first. The
two capacitor arrays are then disconnected from the inputs and
connected to the GND input. Therefore, the differential voltage
between the inputs (IN+ and IN−) captured at the end of the
acquisition phase, is applied to the comparator inputs, causing
the comparator to become unbalanced. By switching each
element of the capacitor array between GND and REF, the
comparator input varies by binary weighted voltage steps
(VREF/2, VREF/4 ... VREF/16,384). The control logic toggles these
switches, starting with the MSB, to bring the comparator back
into a balanced condition. After the completion of this process,
the part returns to the acquisition phase and the control logic
generates the ADC output code and a busy signal indicator.
Because the AD7942 has an on-board conversion clock, the
serial clock is not required for the conversion process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com