Electronic Components Datasheet Search
  English  ▼

X  

AD7942 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7942
Description  14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 1 Page - Analog Devices

  AD7942 Datasheet HTML 1Page - Analog Devices AD7942 Datasheet HTML 2Page - Analog Devices AD7942 Datasheet HTML 3Page - Analog Devices AD7942 Datasheet HTML 4Page - Analog Devices AD7942 Datasheet HTML 5Page - Analog Devices AD7942 Datasheet HTML 6Page - Analog Devices AD7942 Datasheet HTML 7Page - Analog Devices AD7942 Datasheet HTML 8Page - Analog Devices AD7942 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
14-Bit, 250 kSPS PulSAR,
Pseudo Differential ADC in MSOP/QFN
AD7942
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2008 Analog Devices, Inc. All rights reserved.
FEATURES
14-bit resolution with no missing codes
Throughput: 250 kSPS
INL: ±0.4 LSB typical, ±1 LSB maximum (±0.0061% of FSR)
SINAD: 85 dB @ 20 kHz
THD: −100 dB @ 20 kHz
Pseudo differential analog input range
0 V to VREF with VREF up to VDD
No pipeline delay
Single-supply 2.3 V to 5.5 V operation with
1.8 V/2.5 V/3 V/5 V logic interface
Serial interface SPI-/QSPI
-/MICROWIRE-/
DSP-compatible
Daisy-chaining for multiple ADCs and busy indicator
Power dissipation
1.25 mW @ 2.5 V/100 kSPS, 3.6 mW @ 5 V/100 kSPS
1.25 μW @ 2.5 V/100 SPS
Standby current: 1 nA
10-lead package: MSOP and 3 mm × 3 mm QFN (LFCSP)
Pin-for-pin compatible with the 16-bit AD7685
APPLICATIONS
Battery-powered equipment
Data acquisition
Instrumentation
Medical instruments
Process controls
APPLICATION DIAGRAM
AD7942
REF
GND
VDD
IN+
IN–
VIO
SDI
SCK
SDO
CNV
1.8V TO VDD
3- OR 4-WIRE INTERFACE
(SPI, DAISY CHAIN, CS)
0.5V TO 5V
2.5V TO 5V
0V TO VREF
Figure 1.
GENERAL DESCRIPTION
The AD7942 is a 14-bit, charge redistribution, successive approxi-
mation PulSAR
® ADC that operates from a single power supply,
VDD, between 2.3 V to 5.5 V. It contains a low power, high
speed, 14-bit sampling ADC with no missing codes, an internal
conversion clock, and a versatile serial interface port. The part
also contains a low noise, wide bandwidth, short aperture delay
track-and-hold circuit. On the CNV rising edge, it samples an
analog input, IN+, between 0 V to VREF with respect to a ground
sense, IN−. The reference voltage, VREF, is applied externally and
is set up to be the supply voltage. Its power scales linearly with
the throughput.
The SPI-compatible serial interface also features the ability,
using the SDI input, to daisy-chain several ADCs on a single
3-wire bus and provides an optional busy indicator. It is com-
patible with 1.8 V, 2.5 V, 3 V, or 5 V logic using a separate
supply (VIO).
The AD7942 is housed in a 10-lead MSOP or a 10-lead QFN
(LFCSP) package yet fits in the same size footprint as the 8-lead
MSOP or SOT-23. Operation for the AD7942 is specified from
−40°C to +85°C.
Table 1. MSOP, QFN (LFCSP)/SOT-23, 14-/16-/18-Bit ADCs
Type
100 kSPS
250 kSPS
400 kSPS to 500 kSPS
≥1000 kSPS
ADC Driver
14-Bit
AD7940
AD79421
AD79461
16-Bit
AD7680
AD76851
AD76861
AD79801
ADA4941-x
AD7683
AD76871
AD76881
AD79831
ADA4841-x
AD7684
AD7694
AD76931
18-Bit
AD76911
AD76901
AD79821
ADA4941-x
AD79841
ADA4841-x
1 Pin-for-pin compatible to the AD7942.


Similar Part No. - AD7942

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7942 AD-AD7942 Datasheet
480Kb / 20P
3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
6/04-Revision 0
AD7942 AD-AD7942 Datasheet
526Kb / 24P
16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
AD7942 AD-AD7942 Datasheet
469Kb / 24P
16-Bit Lower Power
REV. B
AD7942 AD-AD7942 Datasheet
292Kb / 12P
16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7942 AD-AD7942 Datasheet
421Kb / 16P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
More results

Similar Description - AD7942

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7683 AD-AD7683 Datasheet
467Kb / 16P
16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
AD7691 AD-AD7691 Datasheet
898Kb / 28P
18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
7/06-Revision 0
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
250 kSPS PulSAR Differential ADC in MSOP/LFCSP
23-Feb-2017
AD7685 AD-AD7685 Datasheet
542Kb / 29P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/14- Rev. C to Rev. D
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
16-Bit, 250 kSPS PulSAR ADC in MSOP
6/14- Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com