Electronic Components Datasheet Search
  English  ▼

X  

AD7942 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7942
Description  14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7942 Datasheet HTML 5Page - Analog Devices AD7942 Datasheet HTML 6Page - Analog Devices AD7942 Datasheet HTML 7Page - Analog Devices AD7942 Datasheet HTML 8Page - Analog Devices AD7942 Datasheet HTML 9Page - Analog Devices AD7942 Datasheet HTML 10Page - Analog Devices AD7942 Datasheet HTML 11Page - Analog Devices AD7942 Datasheet HTML 12Page - Analog Devices AD7942 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7942
Rev. B | Page 9 of
24
TYPICAL PERFORMANCE CHARACTERISTICS
POSITIVE INL = +0.22LSB
NEGATIVE INL = –0.34LSB
1.00
0.75
0.50
0.25
0
–0.50
–0.75
–1.00
–0.25
0
4096
8192
12,288
16,384
CODE
Figure 5. Integral Nonlinearity vs. Code
129,941
150,000
100,000
50,000
0
0
0
915
216
0
0
1FFD
1FFE
1FFF
2000
2001
2002
2003
CODE IN HEX
VDD = VREF = 2.5V
Figure 6. Histogram of a DC Input at the Code Center
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
25
50
75
100
125
FREQUENCY (kHz)
16,384 POINT FFT
VDD = VREF = 5V
fS = 250kSPS
fIN = 20.43kHz
SNR = 85.1dB
THD = –105dB
SFDR = –105.9dB
Figure 7. FFT Plot
POSITIVE DNL = +0.24LSB
NEGATIVE DNL = –0.12LSB
1.00
0.75
0.50
0.25
0
–0.50
–0.75
–1.00
–0.25
0
4096
8192
12,288
16,384
CODE
Figure 8. Differential Nonlinearity vs. Code
150,000
100,000
50,000
0
00
0
0
0
0
1FFD
1FFE
1FFF
2000
2001
2002
2003
CODE IN HEX
VDD = VREF = 5V
131,072
Figure 9. Histogram of a DC Input at the Code Center
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
25
50
75
100
125
FREQUENCY (kHz)
16,384 POINT FFT
VDD = VREF = 2.5V
fS = 250kSPS
fIN = 20.43kHz
SNR = 84.2dB
THD = –101.7dB
SFDR = –104.3dB
Figure 10. FFT Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com