Electronic Components Datasheet Search
  English  ▼

X  

AD7942 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7942
Description  14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7942 Datasheet HTML 12Page - Analog Devices AD7942 Datasheet HTML 13Page - Analog Devices AD7942 Datasheet HTML 14Page - Analog Devices AD7942 Datasheet HTML 15Page - Analog Devices AD7942 Datasheet HTML 16Page - Analog Devices AD7942 Datasheet HTML 17Page - Analog Devices AD7942 Datasheet HTML 18Page - Analog Devices AD7942 Datasheet HTML 19Page - Analog Devices AD7942 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7942
Rev. B | Page 16 of
24
Power Supply
The AD7942 is specified over a wide operating range from
2.3 V to 5.5 V. It has, unlike other low voltage converters, a
noise low enough to design a low supply (2.5 V) 14-bit resolu-
tion system with respectable performance. It uses two power
supply pins: a core supply, VDD, and a digital input/output
interface supply, VIO. VIO allows direct interface with any
logic between 1.8 V and VDD. To reduce the supplies needed,
the VIO and VDD can be tied together. The AD7942 is indepen-
dent of power supply sequencing between VIO and VDD.
Additionally, it is insensitive to power supply variations over
a wide frequency range, as shown in Figure 27.
55
60
65
70
75
80
85
90
FREQUENCY (kHz)
10
1000
100
10000
VDD = 5V
Figure 27. PSRR vs. Frequency
The AD7942 powers down automatically at the end of each
conversion phase and, therefore, the power scales linearly with
the sampling rate, as shown in Figure 28. This makes the part
ideal for low sampling rates (even rates of a few hertz) and low
battery-powered applications.
VDD = 5V
VDD = 2.5V
VIO
0
1000
10
0.1
0.001
10
100
1000
10000
100000
1000000
SAMPLING RATE (SPS)
Figure 28. Operating Current vs. Sampling Rate
Supplying the ADC from the Reference
For simplified applications, the AD7942, with its low operating
current, can be supplied directly using the reference circuit, as
shown in Figure 29. The reference line can be driven by either
•
The system power supply directly,
•
A reference voltage with enough current output capability,
such as the ADR43x, or
•
A reference buffer, such as the AD8031, that can also filter
the system power supply (see Figure 29).
AD8031
AD7942
VIO
REF
VDD
10µF
10Ω
10kΩ
5V
5V
5V
(NOTE 1)
1µF
NOTE 1: OPTIONAL REFERENCE BUFFER AND FILTER.
1µF
Figure 29. Example of Application Circuit
DIGITAL INTERFACE
Although the AD7942 has a reduced number of pins, it offers
flexibility in its serial interface modes.
When in CS mode, the AD7942 is compatible with SPI, QSPI,
digital hosts, and DSPs (for example, Blackfin® ADSP-BF53x or
ADSP-219x). A 3-wire interface using the CNV, SCK, and SDO
signals minimizes wiring connections, which is useful, for
instance, in isolated applications. A 4-wire interface using the
SDI, CNV, SCK, and SDO signals allows CNV, which initiates
conversions, to be independent of the readback timing (SDI).
This is useful in low jitter sampling or simultaneous sampling
applications.
When in chain mode, the AD7942 provides a daisy-chain
feature using the SDI input for cascading multiple ADCs on
a single data line similar to a shift register.
The mode in which the part operates depends on the SDI level
when the CNV rising edge occurs. The CS mode is selected if
SDI is high and the chain mode is selected if SDI is low. The
SDI hold time is such that when SDI and CNV are connected
together, the chain mode is always selected.
In either mode, the AD7942 offers the flexibility to optionally
force a start bit in front of the data bits. This start bit can be
used as a busy signal indicator to interrupt the digital host and
trigger the data reading. Otherwise, without a busy indicator,
the user must time out the maximum conversion time prior
to readback.
The busy indicator feature is enabled as follows:
•
In the CS mode, if CNV or SDI is low when the ADC
conversion ends (see
and
).
Figure 33
Figure 37
•
In the chain mode, if SCK is high during the CNV rising
edge (see Figure 41).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com