Electronic Components Datasheet Search
  English  ▼

X  

DDC101 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DDC101
Description  MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC101 Datasheet(HTML) 5 Page - Texas Instruments

  DDC101 Datasheet HTML 1Page - Texas Instruments DDC101 Datasheet HTML 2Page - Texas Instruments DDC101 Datasheet HTML 3Page - Texas Instruments DDC101 Datasheet HTML 4Page - Texas Instruments DDC101 Datasheet HTML 5Page - Texas Instruments DDC101 Datasheet HTML 6Page - Texas Instruments DDC101 Datasheet HTML 7Page - Texas Instruments DDC101 Datasheet HTML 8Page - Texas Instruments DDC101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
DDC101
®
SPECIFICATIONS (CONT)
ELECTRICAL
All specifications with unipolar current input range, T
INT = 1ms, correlated double sampling enabled, System Clock = 2MHz, VREF = –2.5V, TA = +25°C and VS = ±5VDC,
unless otherwise noted.
DDC101
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY REQUIREMENTS
Operation(5)
±4.75
±5
±5.25
VDC
Quiescent Current, Positive Supply
V
S+ = +5VDC, VDD+ = +5VDC
15.6
19.5
mA
Analog, V
S+
8.9
mA
Digital, V
DD+
6.7
mA
Quiescent Current, Negative Supply
V
S
– = –5VDC
18.0
22.5
mA
Operating Power
170
mW
TEMPERATURE RANGE
Operating
–40
+85
°C
Storage
–60
+100
°C
NOTES: (1) Input = low level (less than 1% of Full Scale); Full Scale I
IN = 500nA; TINT = 1ms; Unipolar Input Range; Acquisition Time = 16 clock cycles, Oversampling = 128. (2) Voltage input is converted through user
provided input resistor, R
IN
. (3) FSR is Full Scale Range. (4) Gain Drift does not include the drift of the external reference. (5) V
DD
+ must be less than or equal to V
S
+. See Section 7 for recommended connections. (6)
Straight Binary output code has slightly different Charge Range. See Section 6. (8) Input offset voltage is nulled by autozero circuitry and causes no output error. See Section 6 (Internal Error Correction). (9) This is
the maximum clock frequency at which SETUP codes can be written to and read from the DDC101. (10) For other input current and voltage configurations, see Discussion of Specifications and Detailed Theory of Operation
sections. (11) A best-fit straight line method is used to determine linearity. Two different best-fit straight lines are used for the two unipolar integral linearity specifications. Acquisition Time = 16 clock cycles, Oversampling
= 128.
Analog Inputs
Input Current ............................................................ 100mA, momentary
Input Current .............................................................. 10mA, continuous
Input Voltage ................................................... V
S+ +0.5V to VS– –0.5V
Power Supply
V
S+ .................................................................................................. + 7V
V
S– .................................................................................................... –7V
V
DD+ ................................................................................. must be ≤ VS+
Maximum Junction Temperature ................................................... +165
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDERING INFORMATION
PACKAGE
THERMAL
DRAWING
RESISTANCE (
θ
JA)
PRODUCT
PACKAGE
NUMBER(1)
(
°C/W)
DDC101U
24-Lead SOIC
239
100
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com