Electronic Components Datasheet Search
  English  ▼

X  

DDC101 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DDC101
Description  MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC101 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DDC101 Datasheet HTML 6Page - Texas Instruments DDC101 Datasheet HTML 7Page - Texas Instruments DDC101 Datasheet HTML 8Page - Texas Instruments DDC101 Datasheet HTML 9Page - Texas Instruments DDC101 Datasheet HTML 10Page - Texas Instruments DDC101 Datasheet HTML 11Page - Texas Instruments DDC101 Datasheet HTML 12Page - Texas Instruments DDC101 Datasheet HTML 13Page - Texas Instruments DDC101 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
®
DDC101
10
TYPICAL PERFORMANCE CURVES
ELECTRICAL
System Clock = 2MHz, V
S = ±5VDC, VREF = –2.5V, L = 1 Integration/Conversion, and TA = +25°C, unless otherwise noted.
SINAD AT 10kHz CONVERSION, UNIPOLAR INPUT
0
0
20
40
60
80
100
500 1000 1500 2000 2500 3000 3500 4000 4500 5000
0dB
–60dB
Input Frequency (Hz)
100µs Integration Time
K = 16 Acquisition Clocks
M = 32 Oversamples
SINAD AT 1kHz CONVERSION, UNIPOLAR INPUT
0
0
20
40
60
80
100
50
100
150
200
250
300
350
400
450
500
0dB
–60dB
Input Frequency (Hz)
1ms Integration Time
K = 16 Acquisition Clocks
M = 128 Oversamples
NOISE vs INPUT LEVEL (UNIPOLAR) WITH CDS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Input Level of FS
18
16
14
12
10
8
6
4
2
0
C
IN = 500pF
C
IN = 100pF
C
IN = 0pF
1ms Integration Time
K = 16 Acquisition Clocks
M = 128 Oversamples
NOISE vs INPUT LEVEL (UNIPOLAR) WITHOUT CDS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Input Level of FS
18
16
14
12
10
8
6
4
2
0
C
IN = 500pF
C
IN = 100pF
1ms Integration Time
M = 128 Oversamples
C
IN = 0pF
NOISE vs RESISTOR VALUE
1000
100
10
1
0.01
0.1
1
10
100
1G
R
IN (MΩ)
100µs Int., M = 16 O/S
1ms Int., M = 128 O/S
Low Level, Unipolar Input
K = 16 Acquisition Clocks
CHARGE INJECTION vs INPUT CAPACITANCE
350
300
250
200
150
100
50
0
–50
0
100
200
500
1000
C
IN (pF)
No CDS
CDS On, K = 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com