Electronic Components Datasheet Search
  English  ▼

X  

DDC101 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DDC101
Description  MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC101 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DDC101 Datasheet HTML 12Page - Texas Instruments DDC101 Datasheet HTML 13Page - Texas Instruments DDC101 Datasheet HTML 14Page - Texas Instruments DDC101 Datasheet HTML 15Page - Texas Instruments DDC101 Datasheet HTML 16Page - Texas Instruments DDC101 Datasheet HTML 17Page - Texas Instruments DDC101 Datasheet HTML 18Page - Texas Instruments DDC101 Datasheet HTML 19Page - Texas Instruments DDC101 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
®
DDC101
16
FIGURE 11. Equivalent Integrator Output for Single Integration.
X
X
Measurement Time
Digital
Output
M
Aquisition
Time, K
Oversampled
Initial Data Point
N
Tracking Interval
Time,
Clock
Cycles
Final Data
Point Start
M
Oversampled
Final Data Point
DDC101 digital output is precise integration of input during measurement time.
FIGURE 12. Close-up of Initial Oversampled Data Point for DDC101.
Digital
Output
Aquisition
Time
Reset of
Previous Integration
M
Time,
Clock
Cycles
K
X
Oversampled
Initial Data Point
Tracking
Interval
has been completed; this occurs M clock periods after the
FDS transition to “ON”. Acquisition, Initial Data Point and
Tracking for the next integration follow automatically. The
DDC101 continues in the Tracking mode until the next FDS
command initiates the measurement of the M final data point
samples. An FDS command is needed for each integration
cycle. In the continuous integration mode, the FDS pulse
width must be less than M clock periods. If the FDS pulse
is held low past this time of M clock periods, the DDC101
will reset as for non-continuous mode (see also Figure 4).
In the continuous mode of operation, the tracking logic of
the DDC101 “remembers” the integration rate of the previ-
ous integration and begins the next integration at the rate of
the previous integration. This allows faster acquisition of the
signal for the next integration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com