Electronic Components Datasheet Search
  English  ▼

X  

DDC101 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DDC101
Description  MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC101 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DDC101 Datasheet HTML 18Page - Texas Instruments DDC101 Datasheet HTML 19Page - Texas Instruments DDC101 Datasheet HTML 20Page - Texas Instruments DDC101 Datasheet HTML 21Page - Texas Instruments DDC101 Datasheet HTML 22Page - Texas Instruments DDC101 Datasheet HTML 23Page - Texas Instruments DDC101 Datasheet HTML 24Page - Texas Instruments DDC101 Datasheet HTML 25Page - Texas Instruments DDC101 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
®
DDC101
22
When operating in the unipolar input range, CDS functions
with either output data format—straight binary or binary
two’s complement. When operating in the bipolar input
range, CDS functions correctly only with binary two’s
complement output data format.
Oversampling Control
Samples/Integration, M
This control sets the number of samples, M, used by the
DDC101 to oversample the initial and final data points. M
can be set for these values: 1, 2, 4, 8, 16, 32, 64, 128, 256.
Broadband noise in the conversion is reduced roughly in
proportion to the square root of M. Therefore, a conversion
with 128 oversamples will have 1/2 the broadband noise of
a conversion with 32 oversamples. See the previous fre-
quency response discussion.
Multiple Integration Control, L
This control sets the number of integrations per conversion
cycle, L. It is used to reduce the data rate, increase the
magnitude of the input signal range, and/or reduce the noise.
The product of L and M must be 256 or less.
Output Format
Two output formats are available for either the unipolar or
bipolar input ranges:
Binary Two’s Complement (BTC) and Straight Binary.
UNIPOLAR INPUT RANGE
For Binary Two’s Complement, output data format, the
output word is a 21-bit Two’s Complement word. The first
bit is the sign bit followed by the Most Significant Bit
(MSB), etc. The output range is +100%FS to –0.4%FS,
where FS is 500pC.
BIPOLAR INPUT RANGE
For Binary Two’s Complement, output data format, the
output word is a 21-bit Two’s Complement word. The first
bit is the sign bit followed by the Most Significant Bit
(MSB), etc. The output range is +100%FS to –100.8%FS,
where FS is 250pC. For the bipolar input range, the output
code table changes with the use of Correlated Double Sam-
pling (CDS). (There is no difference with or without CDS in
the output code table when using the unipolar input range.)
CODE
INPUT SIGNAL
0 1111 1111 1111 1111 1111
+100%FS
+500pC
0 1111 1111 1111 1111 1110
+100%FS –1LSB
0 0000 0000 0000 0000 0001
+1SLB
0 0000 0000 0000 0000 0000
Zero
0pC
1 1111 1111 1111 1111 1111
–1LSB
1 1111 1111 0000 0000 0000
–0.4%FS
–1.95pC
TABLE X. BTC Code Table—Unipolar Input Range.
For Straight Binary output data format, the output is a 20-bit
straight binary word. The first bit is the Most Significant Bit
(MSB), etc. The output range is +99.6%FS to –0.4%FS in
which +99.6%FS represents positive full scale and –0.4%FS
represents the minimum input.
CODE
INPUT SIGNAL
1111 1111 1111 1111 1111
+99.6%FS
498.05pC
1111 1111 1111 1111 1110
+99.6%FS –1LSB
0000 0001 0000 0000 0001
+1LSB
0000 0001 0000 0000 0000
Zero
0000 0000 0000 0000 0000
–0.4%FS
–1.95pC
TABLE XI. Straight Binary Code Table — Unipolar Input
Range.
CODE
INPUT SIGNAL
0 1111 1111 1111 1111 1111
+100%FS
+250pC
0 1111 1111 1111 1111 1110
+100%FS –1LSB
0 1000 0000 0000 0000 0001
+1LSB
0 1000 0000 0000 0000 0000
Zero
0pC
0 0111 1111 1111 1111 1111
–1LSB
0 0000 0000 0000 0000 0001
–100%FS + 1SLB
0 0000 0000 0000 0000 0000
–100%FS
–250pC
1 1111 1111 0000 0000 0000
–100.8%FS
–251.95pC
TABLE XII. BTC Code Table — Bipolar Input Range with-
out CDS.
For Straight Binary output data format with the bipolar input
range, the output is a 20-bit straight binary word. The first
bit is the Most Significant Bit (MSB), etc. The output range
is +100%FS to –100%FS in which +100%FS represents
positive full scale and –100%FS represents the negative full
scale. When using the straight binary output data format in
bipolar input range, do not use CDS. This will cause a
negative overflow to occur.
CODE
INPUT SIGNAL
0 0111 1111 1111 1111 1111
+100%FS
+250pC
0 0111 1111 1111 1111 1110
+100%FS – 1LSB
0 0000 0000 0000 0000 0001
+1LSB
0 0000 0000 0000 0000 0000
Zero
0pC
1 1111 1111 1111 1111 1111
–1LSB
1 1000 0000 0000 0000 0001
–100%FS + 1LSB
1 1000 0000 0000 0000 0000
–100%FS
–250pC
1 0111 1111 0000 0000 0000
–100.8%FS
–251.95pC
TABLE XIII. BTC Code Table — Bipolar Input Range with
CDS.
CODE
INPUT SIGNAL
1111 1111 1111 1111 1111
+100%FS
+250pC
1111 1111 1111 1111 1110
+100%FS – 1LSB
1000 0000 0000 0000 0001
+1LSB
1000 0000 0000 0000 0000
Zero
0pC
0111 1111 1111 1111 1111
–1LSB
0000 0000 0000 0000 0000
–100%FS
–250pC
TABLE XIV. Straight Binary Code Table — Bipolar Input
Range without CDS.
SETUP INPUT CODE
Acquisition Time Control—K - 2 bits
CODE
RESULT
00
1 Reset clock period, 0 clock period Acquisition Time,
CDS disabled, no initial data point,
01
1 Reset clock period, 0 clock period Acquisition Time
10(1)
1 Reset clock period, 15 clock period Acquisition Time
11
1 Reset clock period, 31 clock period Acquisition Time
NOTE: (1) Recommended for continuous integration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com