Electronic Components Datasheet Search
  English  ▼

X  

DDC101 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DDC101
Description  MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC101 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DDC101 Datasheet HTML 14Page - Texas Instruments DDC101 Datasheet HTML 15Page - Texas Instruments DDC101 Datasheet HTML 16Page - Texas Instruments DDC101 Datasheet HTML 17Page - Texas Instruments DDC101 Datasheet HTML 18Page - Texas Instruments DDC101 Datasheet HTML 19Page - Texas Instruments DDC101 Datasheet HTML 20Page - Texas Instruments DDC101 Datasheet HTML 21Page - Texas Instruments DDC101 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
®
DDC101
18
IFS
TINT
1nA
500ms
10nA
50ms
100nA
5ms
1
µA
500
µs
5
µA
100
µs
7.8
µA64µs
TABLE III. Input Current vs Integration Time Examples
for Maximum Charge. Unipolar input range
maximum charge = 500pC.
±I
FS
TINT
1nA
250ms
10nA
25ms
100nA
2.5ms
1
µA
250
µs
2.5
µA
100
µs
7.8
µA32µs
TABLE IV. Input Current vs Integration Time Examples
for Maximum Charge. Bipolar input range
maximum charge =
±250pC.
MULTIPLE INTEGRATIONS
PER CONVERSION CYCLE
If more than 500pC, unipolar (or
±250pC, bipolar) of charge
must be integrated in one conversion cycle, the DDC101 can
be user programmed for multiple integrations per conversion
cycle. This feature can be used to provide for longer conver-
sion periods for a specific input current other than shown in
the previous table. The integration cycles forming a conver-
sion cycle may be continuous or non-continuous. The num-
ber of integrations per conversion cycle, L, can be 1, 2, 4, 8,
16, 32, 64, 128, or 256. The multiple integrations are
automatically averaged in the DDC101 so that one conver-
sion result is output per total conversion cycle. Note that
each integration requires individual control by the FDS
signal. For example, if L = 4, then four FDS signals per
conversion are required.
FINAL DATA POINT CONFIGURATION LIMITS
In each conversion cycle, the maximum number of final data
points which can be collected is 256. This means that at the
extremes, the DDC101 can be setup to perform one integra-
tion cycle with 256 oversamples, or the DDC101 can be
setup to perform 256 integration cycles with one sample per
integration cycle. The total number of integrations, L, mul-
tiplied by the number of samples per final data point, must
be 256 or less. As an example, if 16 integration cycles, L, are
used, the number of samples per final data point must be 16
or less.
NOTE: When CDS is used, the initial data points impose no
additional conversion sampling limitations.
FREQUENCY RESPONSE
The DDC101 charge digitizing A/D Converter is a sampled
system whose frequency response has three separate compo-
nents. These components are multiplied together to make the
total frequency characteristic of the DDC101. The three
frequency response components are shown below. Each
INTEGRATIONS
CONVERSION
MAX CHARGE/
PER CONVERSION
I
FS
TIME
CONVERSION
L = 1
10nA
50ms
500pC
L = 2
10nA
100ms
1000pC
L = 4
10nA
200ms
2000pC
L = 8
10nA
400ms
4000pC
L = 16
10nA
800ms
8000pC
L = 32
10nA
1.6s
16000pC
L = 64
10nA
3.2s
32000pC
L = 128
10nA
6.4s
64000pC
L = 256
10nA
12.8s
128000pC
TABLE V. Integrations/Conversion vs Conversion Time.
Example for multiple integrations with unipolar
input range.
FIGURE 15. Conversion Cycle with Two Integrations.
Conversion Cycle
Integration 1
Integration 2
CDAC
Charge
One data output per
conversion cycle with
two integrations/conversion
Time
individual component has a sinc (sinx/x) frequency response
function.
1. Basic Integration
This is the characteristic sin(x)/x response of the basic
integration function. This response is controlled by the
measurement time of the DDC101, T
MEAS; see Figure 16.
2. Oversampling
This is the low pass filter characteristic of the digital
filter’s oversampling. This response reduces the broad-
band noise in the input signal of the DDC101. Broadband
noise decreases as the number of oversamples increases.
This response is controlled by the number of oversamples,
M; see Figure 17.
3. Multiple Integrations
This is the low pass filter characteristic that results when
the digital filter is used to average multiple integrations.
This will determine the primary response of the DDC101
if two or more integrations are internally averaged. This
response is controlled by the total conversion time of the
DDC101; see Figure 18.
Input frequencies are multiplied by the DDC101 frequency
response. The Nyquist frequency is f
CONV/2, where fCONV is
the DDC101 conversion rate. The highest frequency that can
be reconstructed from the output data is f
CONV/2.
Input
frequencies above Nyquist are multiplied by the DDC101
frequency response and are then aliased into DC to f
CONV
/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com