Electronic Components Datasheet Search
  English  ▼

X  

DDC101 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DDC101
Description  MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC101 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DDC101 Datasheet HTML 20Page - Texas Instruments DDC101 Datasheet HTML 21Page - Texas Instruments DDC101 Datasheet HTML 22Page - Texas Instruments DDC101 Datasheet HTML 23Page - Texas Instruments DDC101 Datasheet HTML 24Page - Texas Instruments DDC101 Datasheet HTML 25Page - Texas Instruments DDC101 Datasheet HTML 26Page - Texas Instruments DDC101 Datasheet HTML 27Page - Texas Instruments DDC101 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
®
DDC101
24
FIGURE 24. Example of Basic DDC101 Circuit Connections.
Reading Data Output
Data from the previous conversion can be read any time after
the DATA VALID output is activated and before the end of
the next conversion. Data is held in an internal serial shift
register until the end of the next conversion. The data must
be completely read before the end of the next conversion or
it will be overwritten with new data.
Recommended Setup
The following Setup parameters are recommended, in gen-
eral, for use with the DDC101 with integration times of 1ms
or longer. Multiple integrations per conversion, where prac-
tical, will provide lowest noise as illustrated in the typical
performance curves.
Measurement Time Calculation
The time between “Final Data point Start” commands is the
Integration Time, T
INT. The Measurement Time, TMEAS, is the
Integration time reduced by the Acquisition Time and by the
Oversampling Time, T
OS.
T
MEAS = TINT - TACQ - TOS.
When CDS is used; T
OS, the oversampling time, is the time
required to collect a data point (M clock periods). Each
group of samples is averaged with the result at the midpoint
of each sample group. Therefore, with CDS, T
OS = M clock
periods. This is shown in Figure 25.
Two calculations of the Measurement Time are shown
A Continuous Integration Cycle consists of the Acquisition
Time, Initial Data Point Collection, Tracking Interval, and
Final Data Point Collection. The user can select these
functions as illustrated in Table XV.
FUNCTION
RECOMMENDED
Acquisition Clocks, K
16
Oversamples, M
128
CDS
Enabled
USER
FUNCTION
CLOCK CYCLES
CONTROLLED
Acquisition Time, K
1, 16, 32
Yes
Initial Data Point
Samples, M(1)
1, 2, 4, 8, 16, 32,64, 128, 256
Yes
Tracking Interval
Variable
Yes
Final Data Point
Samples, M(1)
1, 2, 4, 8, 16, 32, 64, 128, 256
Yes
NOTE: (1) Will be the same in CDS mode, initial Data Point Samples = 0 in non-
CDS mode.
TABLE XV. Components of Integration Cycle.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
24-Lead SOIC
Top view
+5VDC
0.1µF
0.1µF
0.1µF
–5VDC
10µF
10µF
Analog Input
10µF
V
REF
Analog Common
Digital Common
Guard
DIGITAL GROUND
V
S–
1k
Ω
25k
Ω
10µF
–2.5V
REF1004 –2.5
10
Ω
Reference
Bias
Resistor
Reference
Noise Filter
Reference Buffer Bypass
V
S– , ANALOG
ANALOG COMMON
ANALOG INPUT
ANALOG COMMON
V
S+, ANALOG
V
S+, ANALOG
V
DD+, DIGITAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com