Electronic Components Datasheet Search
  English  ▼

X  

DS90CF366 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CF366
Description  20 to 85 MHz Shift Clock Support, Rx Power Consumption <142 mW (typ) @85MHz Grayscale
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90CF366 Datasheet(HTML) 5 Page - Texas Instruments

  DS90CF366 Datasheet HTML 1Page - Texas Instruments DS90CF366 Datasheet HTML 2Page - Texas Instruments DS90CF366 Datasheet HTML 3Page - Texas Instruments DS90CF366 Datasheet HTML 4Page - Texas Instruments DS90CF366 Datasheet HTML 5Page - Texas Instruments DS90CF366 Datasheet HTML 6Page - Texas Instruments DS90CF366 Datasheet HTML 7Page - Texas Instruments DS90CF366 Datasheet HTML 8Page - Texas Instruments DS90CF366 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
f
f / 16
f / 8
f / 4
f / 2
Steady State, Low
Steady State, Low
f / 16
f / 8
f / 4
f / 2
Steady State, Low
Steady State, Low
f / 16
f / 8
f / 4
f / 2
Steady State, Low
Steady State, Low
Steady State, High
Steady State, High
Steady State, High
TxCLK IN / RxCLK OUT
TxIN0 / RxOUT0
TxIN1 / RxOUT1
TxIN2 / RxOUT2
TxIN3 / RxOUT3
TxIN4 / RxOUT4
TxIN5 / RxOUT5
TxIN6 / RxOUT6
TxIN7 / RxOUT7
TxIN8 / RxOUT8
TxIN9 / RxOUT9
TxIN10 / RxOUT10
TxIN11 / RxOUT11
TxIN12 / RxOUT12
TxIN13 / RxOUT13
TxIN14 / RxOUT14
TxIN15 / RxOUT15
TxIN16 / RxOUT16
TxIN17 / RxOUT17
TxIN18 / RxOUT18
TxIN19 / RxOUT19
TxIN20 / RxOUT20
Dot Clk
R0
R1
R2
R3
R4
R5
G0
G1
G2
G3
G4
G5
B0
B1
B2
B3
B4
B5
HSYNC
VSYNC
ENA
Device Pin Name
Signal
Signal Pattern
Signal Frequency
DS90CF366, DS90CF386
www.ti.com
SNLS055I – NOVEMBER 1999 – REVISED APRIL 2013
(1)
The worst case test pattern produces a maximum toggling of digital circuits, LVDS I/O and CMOS/TTL I/O.
(2)
The 16 grayscale test pattern tests device power consumption for a “typical” LCD display pattern. The test pattern
approximates signal switching needed to produce groups of 16 vertical stripes across the display.
(3)
Figure 3 and Figure 5 show a falling edge data strobe (TxCLK IN/RxCLK OUT).
(4)
Recommended pin to signal mapping. Customer may choose to define differently.
Figure 5. “16 Grayscale” Test Pattern (DS90CF366)
Figure 6. DS90CF386/DS90CF366 (Receiver) CMOS/TTL Output Load and Transition Times
Figure 7. DS90CF386/DS90CF366 (Receiver) Setup/Hold and High/Low Times
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS90CF366 DS90CF386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com