Electronic Components Datasheet Search
  English  ▼

X  

DS90CF366 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CF366
Description  20 to 85 MHz Shift Clock Support, Rx Power Consumption <142 mW (typ) @85MHz Grayscale
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90CF366 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DS90CF366 Datasheet HTML 12Page - Texas Instruments DS90CF366 Datasheet HTML 13Page - Texas Instruments DS90CF366 Datasheet HTML 14Page - Texas Instruments DS90CF366 Datasheet HTML 15Page - Texas Instruments DS90CF366 Datasheet HTML 16Page - Texas Instruments DS90CF366 Datasheet HTML 17Page - Texas Instruments DS90CF366 Datasheet HTML 18Page - Texas Instruments DS90CF366 Datasheet HTML 19Page - Texas Instruments DS90CF366 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
DS90CF366MTDX/NOPB
TSSOP
DGG
48
1000
367.0
367.0
45.0
DS90CF386MTDX/NOPB
TSSOP
DGG
56
1000
367.0
367.0
45.0
DS90CF386SLCX/NOPB
NFBGA
NZC
64
2000
367.0
367.0
38.0
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Apr-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com