Electronic Components Datasheet Search
  English  ▼

X  

DS90CF366 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CF366
Description  20 to 85 MHz Shift Clock Support, Rx Power Consumption <142 mW (typ) @85MHz Grayscale
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90CF366 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DS90CF366 Datasheet HTML 8Page - Texas Instruments DS90CF366 Datasheet HTML 9Page - Texas Instruments DS90CF366 Datasheet HTML 10Page - Texas Instruments DS90CF366 Datasheet HTML 11Page - Texas Instruments DS90CF366 Datasheet HTML 12Page - Texas Instruments DS90CF366 Datasheet HTML 13Page - Texas Instruments DS90CF366 Datasheet HTML 14Page - Texas Instruments DS90CF366 Datasheet HTML 15Page - Texas Instruments DS90CF366 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
DS90CF366, DS90CF386
SNLS055I – NOVEMBER 1999 – REVISED APRIL 2013
www.ti.com
Pin Diagrams for TSSOP Packages
Figure 16. DS90CF386MTD
Figure 17. DS90CF366MTD
APPLICATIONS INFORMATION
POWER SEQUENCING AND POWERDOWN MODE
Outputs of the transmitter remain in TRI-STATE until the power supply reaches 2V. Clock and data outputs will
begin to toggle 10 ms after VCC has reached 3V and the Powerdown pin is above 1.5V. Either device may be
placed into a powerdown mode at any time by asserting the Powerdown pin (active low). Total power dissipation
for each device will decrease to 5
μW (typical).
The transmitter input clock may be applied prior to powering up and enabling the transmitter. The transmitter
input clock may also be applied after power up; however, the use of the PWR DOWN pin is required. Do not
power up and enable (PWR DOWN = HIGH) the transmitter without a valid clock signal applied to the TxCLK IN
pin.
The FPD Link chipset is designed to protect itself from accidental loss of power to either the transmitter or
receiver. If power to the transmit board is lost, the receiver clocks (input and output) stop. The data outputs
(RxOUT) retain the states they were in when the clocks stopped. When the receiver board loses power, the
receiver inputs are controlled by a failsafe bias circuitry. The LVDS inputs are High-Z during initial power on and
power off conditions. Current is limited (5 mA per input) by the fixed current mode drivers, thus avoiding the
potential for latchup when powering the device.
12
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DS90CF366 DS90CF386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com