Electronic Components Datasheet Search
  English  ▼

X  

DS90CF366 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CF366
Description  20 to 85 MHz Shift Clock Support, Rx Power Consumption <142 mW (typ) @85MHz Grayscale
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90CF366 Datasheet(HTML) 2 Page - Texas Instruments

  DS90CF366 Datasheet HTML 1Page - Texas Instruments DS90CF366 Datasheet HTML 2Page - Texas Instruments DS90CF366 Datasheet HTML 3Page - Texas Instruments DS90CF366 Datasheet HTML 4Page - Texas Instruments DS90CF366 Datasheet HTML 5Page - Texas Instruments DS90CF366 Datasheet HTML 6Page - Texas Instruments DS90CF366 Datasheet HTML 7Page - Texas Instruments DS90CF366 Datasheet HTML 8Page - Texas Instruments DS90CF366 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DS90CF366, DS90CF386
SNLS055I – NOVEMBER 1999 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
−0.3V to +4V
CMOS/TTL Output Voltage
−0.3V to (VCC + 0.3V)
LVDS Receiver Input Voltage
−0.3V to (VCC + 0.3V)
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
Lead Temperature(Soldering, 4 sec for TSSOP)
+260°C
Solder Reflow Temperature (Soldering, 20 sec for NFBGA)
+220°C
DGG0056A (TSSOP) Package
DS90CF386MTD
1.61 W
Maximum Package Power Dissipation
Capacity @ 25°C
DGG0048A (TSSOP) Package
DS90CF366MTD
1.89 W
DS90CF386MTD
12.4 mW/°C above +25°C
Package Derating
DS90CF366MTD
15 mW/°C above +25°C
Maximum Package Power Dissipation
DS90CF386SLC
NZC0064A Package
Capacity @ 25°C
2.0 W
Package Derating
DS90CF386SLC
10.2 mW/°C above +25°C
(HBM, 1.5 k
Ω, 100 pF)
> 7 kV
ESD Rating
(EIAJ, 0
Ω, 200 pF)
> 700V
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(2)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the device should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Recommended Operating Conditions
Min
Nom
Max
Units
Supply Voltage (VCC)
3.0
3.3
3.6
V
Operating Free Air Temperature (TA)
−10
+25
+70
°C
Receiver Input Range
0
2.4
V
Supply Noise Voltage (VCC)
100
mVPP
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS/TTL DC SPECIFICATIONS
VIH
High Level Input Voltage
2.0
VCC
V
VIL
Low Level Input Voltage
GND
0.8
V
VOH
High Level Output Voltage
IOH = - 0.4 mA
2.7
3.3
V
VOL
Low Level Output Voltage
IOL = 2 mA
0.06
0.3
V
VCL
Input Clamp Voltage
ICL = −18 mA
-0.79
-1.5
V
IIN
Input Current
VIN = 0.4V, 2.5V or VCC
+1.8
+15
uA
VIN = GND
-10
0
uA
IOS
Output Short Circuit Current
VOUT = 0V
-60
-120
mA
LVDS RECEIVER DC SPECIFICATIONS
VTH
Differential Input High Threshold
V CM = +1.2V
+100
mV
VTL
Differential Input Low Threshold
−100
mV
I IN
Input Current
V IN = +2.4V, VCC = 3.6V
±10
μA
V IN = 0V, VCC = 3.6V
±10
μA
(1)
Typical values are given for VCC = 3.3V and TA = +25C.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DS90CF366 DS90CF386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com