Electronic Components Datasheet Search
  English  ▼

X  

AN4291 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4291
Description  STEVAL385LED4CH: four independent high brightness LED
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4291 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4291 Datasheet HTML 10Page - STMicroelectronics AN4291 Datasheet HTML 11Page - STMicroelectronics AN4291 Datasheet HTML 12Page - STMicroelectronics AN4291 Datasheet HTML 13Page - STMicroelectronics AN4291 Datasheet HTML 14Page - STMicroelectronics AN4291 Datasheet HTML 15Page - STMicroelectronics AN4291 Datasheet HTML 16Page - STMicroelectronics AN4291 Datasheet HTML 17Page - STMicroelectronics AN4291 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
Design concept
AN4291
14/53
DocID024519 Rev 1
for example:
Equation 8
where:
•
IMAX: max.current imposed through the DAC setup (1/16)
•
IAVG: average current - imposed as 90% of IMAX (by design)
•
(IMAX - IAVG): current difference: (IMAX*0.1)
•
I: is the inductance value = 470 10-6 H (by design)
•
CLK: Is the SMED CLK = 96 106 Hz
The average current IAVG is set by design to be equal to 90% of IMAX.The algorithm controls
the current to be centered in IAVG, with a ripple equal to +/- 10% of IMAX. In equation 8, the
current and the voltage across LED are unknown. The current (IMAX) is an input value
defined by the user. The voltage on the LED string is the difference between the main power
voltage and the VCOMx voltage sensed by two ADC channels. Considering 1.184 A IMAX
current and IAVG approximated to 1.066 (the real value is 1.0654), the equation 4 is
expanded into:
Equation 9
where K (196763 in this case) is a constant for the given LED current selected by the user.
The IMAX values accepted by the STEVAL385LED4CH board are bounded by the DAC
limits as shown in the following table:
Table 1. Current, DAC, K relation table
Index
DAC value
Medium
current(1)
Maximum
current
K (dec)
10
13 (0x0D)
1065 mA
1184 mA
196.763E+03
9
12 (0x0C)
984 mA
1093 mA
181.628E+03
8
11 (0x0B)
901 mA
1002 mA
166.492E+03
7
10 (0x0A)
819 mA
911 mA
151.356E+03
6
9 (0x09)
738 mA
820 mA
136.221E+03
5
8 (0x08)
648 mA
729 mA
121.085E+03
4
7 (0x07)
574 mA
638 mA
105.949E+03
3
6 (0x06)
492 mA
547 mA
90.814E+03
2
5 (0x05)
410 mA
456 mA
75.678E+03
T
OFF SMED
()
2I
MAX
I
AVR
–
() L
×
ADC
TOP
CLK
×
×
×
ADC
LED_VAL
ADC
FS
P
×
×
-----------------------------------------------------------------------------------------------------
=
T
OF F CLOCK
()
2
1.184
1.066
–
() 470 10
6
–
1024
96
×
×
×
x10
6
×
×
ADC
LED_VAL
1.25
44.5
×
×
--------------------------------------------------------------------------------------------------------------------------------------=
=
=
196763
ADC
LED_VAL
-------------------------------
K
ADC
LED_VAL
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com