Electronic Components Datasheet Search
  English  ▼

X  

AN4291 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN4291
Description  STEVAL385LED4CH: four independent high brightness LED
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4291 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN4291 Datasheet HTML 37Page - STMicroelectronics AN4291 Datasheet HTML 38Page - STMicroelectronics AN4291 Datasheet HTML 39Page - STMicroelectronics AN4291 Datasheet HTML 40Page - STMicroelectronics AN4291 Datasheet HTML 41Page - STMicroelectronics AN4291 Datasheet HTML 42Page - STMicroelectronics AN4291 Datasheet HTML 43Page - STMicroelectronics AN4291 Datasheet HTML 44Page - STMicroelectronics AN4291 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
DocID024519 Rev 1
41/53
AN4291
Measurements
Figure 22. Current regulation vs. VPW_LED: 10 LEDs
8.4
Current regulation validation
The Table 5 compares the real current values, as captured by the oscilloscope, with the
expected ones as configured by the user. The input power voltage is fixed and set at the
middle of the usable range. The current is the mathematical average current (not the peak
current) as got and calculated by the scope.
8.5
OCP protection time
Figure 23, Figure 24 and Figure 25 show the current protection reaction time. The current
working point is fixed at 245 mA in the first plot, at 738 mA in the second and at the
0
0.2
0.4
0.6
0.8
1
1.2
13V
16V
20V
24V
28V
32V
36V
40V
44V
48V
1.065A
738mA
492mA
329mA
254mA
AM16722v1
Table 5. Current regulation discrepancies
Command
3 LEDs – 20 V
6 LEDs – 32 V
10 LEDs – 44 V
Expected
lc x 0
0.251 A
0.254 A
0.255 A
0.245 A
lc x 1
0.329 A
0.333 A
0.333 A
0.329 A
lc x 2
0.407 A
0.414 A
0.413 A
0.410 A
lc x 3
0.486 A
0.493 A
0.492 A
0.492 A
lc x 4
0.563 A
0.571 A
0.570 A
0.574 A
lc x 5
0.639 A
0.647 A
0.646 A
0.648 A
lc x 6
0.715 A
0.725 A
0.724 A
0.738 A
lc x 7
0.791 A
0.802 A
0.800 A
0.819 A
lc x 8
0.867 A
0.879 A
0.877 A
0.901 A
lc x 9
0.943 A
0.957 A
0.955 A
0.984 A
lc x 10
1.016 A
1.031 A
1.030 A
1.065 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com