Electronic Components Datasheet Search
  English  ▼

X  

AN4291 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN4291
Description  STEVAL385LED4CH: four independent high brightness LED
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4291 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN4291 Datasheet HTML 41Page - STMicroelectronics AN4291 Datasheet HTML 42Page - STMicroelectronics AN4291 Datasheet HTML 43Page - STMicroelectronics AN4291 Datasheet HTML 44Page - STMicroelectronics AN4291 Datasheet HTML 45Page - STMicroelectronics AN4291 Datasheet HTML 46Page - STMicroelectronics AN4291 Datasheet HTML 47Page - STMicroelectronics AN4291 Datasheet HTML 48Page - STMicroelectronics AN4291 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
DocID024519 Rev 1
45/53
AN4291
Pinout
Note:
When the DALI I/F is used, please remove R78, R77 resistor (lose RUN-FAULT function),
enable the "USE_DALI" constant on the "led.h" source file, recompile and load the new
code.To request the source code for the DALI stack, please contact your local ST
representative. The STEVAL-ILM001V1 kit gives access to the DALI hardware interface.
29
PS
VDDA
Analog power supply
30
PS
VSSA
Analog ground
31
A-IN
ADCIN[7]
Key input – voltage depends whether key is pressed or
not
32
A-IN
ADCIN[6]
External dimming signal – 0 -10 V equal to 0% 100% –
(option)
33
A-IN
ADCIN[5]
Not used
34
A-IN
ADCIN[4]
Analog input CH4 – VCOM3 – voltage from LED3 chain
35
A-IN
ADCIN[3]
Analog input CH3 – VCOM2 – voltage from LED2 chain
36
A-IN
ADCIN[2]
Analog input CH2 – VCOM1 – voltage from LED1 chain
37
A-IN
ADCIN[1]
Analog input CH1 – VCOM0 – voltage from LED0 chain
38
A-IN
ADCIN[0]
Analog input CH0 – ADCIN0 – voltage on VLED_PW
signal (VIN)
Table 6. STLUX385A pinout (continued)
Pin
Dir.
Function
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com