Electronic Components Datasheet Search
  English  ▼

X  

AN4291 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4291
Description  STEVAL385LED4CH: four independent high brightness LED
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4291 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4291 Datasheet HTML 24Page - STMicroelectronics AN4291 Datasheet HTML 25Page - STMicroelectronics AN4291 Datasheet HTML 26Page - STMicroelectronics AN4291 Datasheet HTML 27Page - STMicroelectronics AN4291 Datasheet HTML 28Page - STMicroelectronics AN4291 Datasheet HTML 29Page - STMicroelectronics AN4291 Datasheet HTML 30Page - STMicroelectronics AN4291 Datasheet HTML 31Page - STMicroelectronics AN4291 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
User interface
AN4291
28/53
DocID024519 Rev 1
The serial (TTL 0 - 3.3 V) cable is shipped together with the demonstration board. The on
board connector is identified as UART I/F. The serial line uses only three lines: GND, TX,
RX, the baud rate is 115200, no parity, 8-bit, 1 stop bit, no handshake. The user should
identify the PC COM line number, please refer to your local IT department if the COM
number is difficult to retrieve. The PC also installs the serial COM drivers as soon as the
cable is connected. If the driver is not installed, please call your IT support.
Warning:
The command line executes all the commands entered. The
user has the responsibility to use the correct commands as
per circuitry adopted. For example, should the user configure
1 A current through a 300 mA LED chain, the LEDs could be
damaged.
The STLUX385A, during power-up and reset, sends the following strings to the serial line.
The strings are received and displayed on the console:
Figure 9. Console screen during startup
This message is used to verify that the link between the PC and the STLUX385A is up and
that the correct baud-rate is selected. The strings "VxRx" report the firmware version and
revision and, on the next line, the time and the date during the compilation process. "Ready"
appears when the STLUX385A chip is ready to receive a command.
At this point, the user can interact with the STLUX385A using one of the following
commands.
Note:
The command list is shown by the "?" command.
EVALSTLUX385 - 4chLED VxRx
Build Jan 20 2012 14 : 00 : 44
Ready
AM16709v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com