Electronic Components Datasheet Search
  English  ▼

X  

AN4291 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4291
Description  STEVAL385LED4CH: four independent high brightness LED
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4291 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4291 Datasheet HTML 25Page - STMicroelectronics AN4291 Datasheet HTML 26Page - STMicroelectronics AN4291 Datasheet HTML 27Page - STMicroelectronics AN4291 Datasheet HTML 28Page - STMicroelectronics AN4291 Datasheet HTML 29Page - STMicroelectronics AN4291 Datasheet HTML 30Page - STMicroelectronics AN4291 Datasheet HTML 31Page - STMicroelectronics AN4291 Datasheet HTML 32Page - STMicroelectronics AN4291 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
DocID024519 Rev 1
29/53
AN4291
User interface
Figure 10. “?” command
Every command is composed of two parts: the command prefix (normally two characters)
and the command fields. Any incorrect typed character can be changed using the
backspace character.
Each LED channel is identified by the channel (ch) number only (from 0 to 3).
7.4
Commands
The following section describes the commands accessible through the console.
7.4.1
lc - change LED current
The command is used to change the current in the specific LED chain. The configured value
is stored into the E2PROM data area for its read-back and applies to next power-on.
Syntax: lc [ch] [I]
Parameters:
•
ch [0-3]: the LED string channel value.
•
I [0-10]: current index as shown in Table 1. It represents the peak of the chain current
and the index ranges from 0 (273 mA) to 10 (1184 mA).
Output: none
Example: lc 2 3: configures channel 2 to use 492 mA mean current.
Monitor channel command
lc [ch]
[I]
Setup led current [0 - 10] for channel [ch]
ll
[ch]
[0; 6 - 256]
Setup led dimming for channel [ch]
ln [ch]
[num]
Setup led numbers [3 - 10] for channel [ch]
ad [ch]
Get adc channel [0- 7] value
au [ch]
[0,1]
Control [ch] loop, 1=en. 0=dis
st
Get status
pw [ch]
Get pwm status on
channel [0 - 3]
vp [ch]
[0 - 1023]
Simul. POW voltage on channel [0 - 3]
vc [ch]
[0 - 1023]
Simul. Common voltage on channel [0 - 3]
wi [0,1]
Enable [1], disable [0] the wfi instruction
dm [add] [len]
dump register/memory
rr [add]
get register/memory
rw [add] [dat]
write register/memory
ed [0,1]
Enable [1] disable [0] global dimming key/cmd
di [value]
Globally dimming the light to [0- 100]%
ti
Get time
co
Clear OVC flag
hl [??]
help cmd [??] string
hl
get help
?
get help
use [enter] to end line,
use [backspace] to delete char
AM16710v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com