Electronic Components Datasheet Search
  English  ▼

X  

AN4291 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN4291
Description  STEVAL385LED4CH: four independent high brightness LED
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4291 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN4291 Datasheet HTML 31Page - STMicroelectronics AN4291 Datasheet HTML 32Page - STMicroelectronics AN4291 Datasheet HTML 33Page - STMicroelectronics AN4291 Datasheet HTML 34Page - STMicroelectronics AN4291 Datasheet HTML 35Page - STMicroelectronics AN4291 Datasheet HTML 36Page - STMicroelectronics AN4291 Datasheet HTML 37Page - STMicroelectronics AN4291 Datasheet HTML 38Page - STMicroelectronics AN4291 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
DocID024519 Rev 1
35/53
AN4291
User interface
7.4.19
hl - ? - global help
It displays a list of all accepted commands.
Syntax:
•
hl
•
?
Parameter: none
Output: the list of all accepted commands.
7.5
Error codes
The STLUX385A firmware performs several system checks during its execution. When an
error is found:
1.
The red fault LED is triggered.
2.
The error counter is incremented.
3.
The error code is stored in an internal variable. The last error code is reported by the
status command ("st").
The fault LED can only be reset via the "co" command. The "co" command also clears the
error code. The error counter is never reset.
The following table describes the error codes:
Table 3. Error codes
Code
Mnemonic
Meaning
Action
0
ERR_NO_ERR
No error
N/A
1
ERR_PW
Power voltage under or upper the limit at power-on
Dimming OFF
2
ERR_MAX_F
PWM frequency is over the limit
N/A
3
ERR_MIN_F
PWM frequency is under the limit
N/A
4
ERR_FLASH
Error while writing in Flash
The last serial
command is not
stored into E
2PROM
5
ERR_OVC
Overcurrent protection (OCP). Preventing short-
circuit or overcurrent point
Dimming OFF
6
ERR_MAX_V
Main input voltage over the upper limit (50 V)
v
7
ERR_MIN_V
Main input voltage too low to drive the configured
number of LEDs.
N/A
8
ERR_MIN_L
Power voltage across the inductance lower the limit
(lower than 2.8 V)
Dimming OFF
9
ERR_MAX_L
LED voltage over the maximum.
N/A
10
ERR_MIN_D
Number of LEDs below the limit (< 3 LEDs)
N/A
11
ERR_VOL_L
LED voltage drop below the minimum
N/A
12
ERR_DALI
Failure on the DALI I/F – only when DALI FW is
enabled
DALI error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com