Electronic Components Datasheet Search
  English  ▼

X  

AN4291 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN4291
Description  STEVAL385LED4CH: four independent high brightness LED
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4291 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN4291 Datasheet HTML 36Page - STMicroelectronics AN4291 Datasheet HTML 37Page - STMicroelectronics AN4291 Datasheet HTML 38Page - STMicroelectronics AN4291 Datasheet HTML 39Page - STMicroelectronics AN4291 Datasheet HTML 40Page - STMicroelectronics AN4291 Datasheet HTML 41Page - STMicroelectronics AN4291 Datasheet HTML 42Page - STMicroelectronics AN4291 Datasheet HTML 43Page - STMicroelectronics AN4291 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
Measurements
AN4291
40/53
DocID024519 Rev 1
Figure 20. Current regulation vs. VPW_LED: 3 LEDs
Figure 21. Current regulation vs. VPW_LED: 6 LEDs
0.000
0.200
0.400
0.600
0.800
1.000
1.200
13V
16V
20V
24V
28V
32V
36V
40V
44V
48V
1.065A
738mA
492mA
329mA
254mA
AM16720v1
0
0.2
0.4
0.6
0.8
1
1.2
12V
16V
20V
24V
28V
32V
36V
40V
44V
48V
1.065A
738mA
492mA
329mA
254mA
AM16721v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com