Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 298 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 298 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 294Page - Altera Corporation EP3SE110 Datasheet HTML 295Page - Altera Corporation EP3SE110 Datasheet HTML 296Page - Altera Corporation EP3SE110 Datasheet HTML 297Page - Altera Corporation EP3SE110 Datasheet HTML 298Page - Altera Corporation EP3SE110 Datasheet HTML 299Page - Altera Corporation EP3SE110 Datasheet HTML 300Page - Altera Corporation EP3SE110 Datasheet HTML 301Page - Altera Corporation EP3SE110 Datasheet HTML 302Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 341 page
background image
1–288
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–133 lists the EP3SE260 column pins output timing parameters for
single-ended I/O standards.
Table 1–133. EP3SE260 Column Pins Output Timing Parameters (Part 1 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.644
3.677
5.302
5.460
6.139
5.837
6.259
5.460
6.139
5.837
6.259
ns
GCLK
PLL
t
co
4.087
4.076
5.937
6.144
6.701
6.529
7.188
6.144
6.701
6.529
7.188
ns
8mA
GCLK
t
co
3.577
3.610
5.193
5.349
5.969
5.724
6.146
5.349
5.969
5.724
6.146
ns
GCLK
PLL
t
co
4.020
4.009
5.828
6.033
6.588
6.416
7.018
6.033
6.588
6.416
7.018
ns
12mA
GCLK
t
co
3.491
3.524
5.089
5.250
5.817
5.632
6.054
5.250
5.817
5.632
6.054
ns
GCLK
PLL
t
co
3.934
3.923
5.724
5.934
6.496
6.324
6.866
5.934
6.496
6.324
6.866
ns
16mA
GCLK
t
co
3.484
3.517
5.072
5.222
5.792
5.591
6.013
5.222
5.792
5.591
6.013
ns
GCLK
PLL
t
co
3.927
3.916
5.707
5.906
6.455
6.283
6.841
5.906
6.455
6.283
6.841
ns
3.3-V
LVCMOS
4mA
GCLK
t
co
3.650
3.683
5.306
5.465
6.153
5.844
6.266
5.465
6.153
5.844
6.266
ns
GCLK
PLL
tco
4.093
4.082
5.941
6.149
6.708
6.536
7.202
6.149
6.708
6.536
7.202
ns
8mA
GCLK
t
co
3.495
3.528
5.099
5.267
5.823
5.643
6.065
5.267
5.823
5.643
6.065
ns
GCLK
PLL
t
co
3.938
3.927
5.734
5.951
6.507
6.335
6.872
5.951
6.507
6.335
6.872
ns
12mA
GCLK
t
co
3.502
3.535
5.093
5.246
5.792
5.617
6.039
5.246
5.792
5.617
6.039
ns
GCLK
PLL
t
co
3.945
3.934
5.728
5.930
6.481
6.309
6.841
5.930
6.481
6.309
6.841
ns
16mA
GCLK
t
co
3.486
3.519
5.071
5.221
5.735
5.588
6.010
5.221
5.735
5.588
6.010
ns
GCLK
PLL
t
co
3.929
3.918
5.706
5.905
6.452
6.280
6.784
5.905
6.452
6.280
6.784
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.608
3.641
5.269
5.428
6.104
5.804
6.226
5.428
6.104
5.804
6.226
ns
GCLK
PLL
t
co
4.051
4.040
5.904
6.112
6.668
6.496
7.153
6.112
6.668
6.496
7.153
ns
8mA
GCLK
t
co
3.497
3.530
5.139
5.294
5.942
5.668
6.088
5.294
5.942
5.668
6.088
ns
GCLK
PLL
t
co
3.940
3.929
5.774
5.978
6.531
6.360
6.990
5.978
6.531
6.360
6.990
ns
12mA
GCLK
tco
3.461
3.494
5.076
5.225
5.840
5.594
6.014
5.225
5.840
5.594
6.014
ns
GCLK
PLL
t
co
3.904
3.893
5.711
5.909
6.457
6.286
6.888
5.909
6.457
6.286
6.888
ns
16mA
GCLK
t
co
3.443
3.476
5.047
5.197
5.790
5.564
5.986
5.197
5.790
5.564
5.986
ns
GCLK
PLL
t
co
3.886
3.875
5.682
5.881
6.428
6.256
6.838
5.881
6.428
6.256
6.838
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com