Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 300 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 300 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 296Page - Altera Corporation EP3SE110 Datasheet HTML 297Page - Altera Corporation EP3SE110 Datasheet HTML 298Page - Altera Corporation EP3SE110 Datasheet HTML 299Page - Altera Corporation EP3SE110 Datasheet HTML 300Page - Altera Corporation EP3SE110 Datasheet HTML 301Page - Altera Corporation EP3SE110 Datasheet HTML 302Page - Altera Corporation EP3SE110 Datasheet HTML 303Page - Altera Corporation EP3SE110 Datasheet HTML 304Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 341 page
background image
1–290
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8 V
2mA
GCLK
tco
3.835
3.868
5.701
5.915
6.815
6.353
6.775
5.915
6.815
6.353
6.775
ns
GCLK
PLL
t
co
4.278
4.267
6.336
6.599
7.217
7.045
7.864
6.599
7.217
7.045
7.864
ns
4mA
GCLK
tco
3.654
3.687
5.422
5.606
6.354
6.007
6.427
5.606
6.354
6.007
6.427
ns
GCLK
PLL
t
co
4.097
4.086
6.057
6.290
6.870
6.699
7.402
6.290
6.870
6.699
7.402
ns
6mA
GCLK
t
co
3.572
3.605
5.315
5.491
6.180
5.895
6.317
5.491
6.180
5.895
6.317
ns
GCLK
PLL
t
co
4.015
4.004
5.950
6.175
6.759
6.587
7.229
6.175
6.759
6.587
7.229
ns
8mA
GCLK
t
co
3.552
3.585
5.257
5.437
6.068
5.829
6.251
5.437
6.068
5.829
6.251
ns
GCLK
PLL
t
co
3.995
3.984
5.892
6.121
6.693
6.521
7.117
6.121
6.693
6.521
7.117
ns
10mA
GCLK
t
co
3.489
3.522
5.196
5.362
5.954
5.748
6.170
5.362
5.954
5.748
6.170
ns
GCLK
PLL
t
co
3.932
3.921
5.831
6.046
6.612
6.440
7.003
6.046
6.612
6.440
7.003
ns
12mA
GCLK
t
co
3.471
3.504
5.175
5.341
5.916
5.725
6.147
5.341
5.916
5.725
6.147
ns
GCLK
PLL
tco
3.914
3.903
5.810
6.025
6.589
6.417
6.965
6.025
6.589
6.417
6.965
ns
1.5 V
2mA
GCLK
t
co
3.781
3.814
5.630
5.847
6.732
6.291
6.713
5.847
6.732
6.291
6.713
ns
GCLK
PLL
tco
4.224
4.213
6.265
6.531
7.155
6.983
7.781
6.531
7.155
6.983
7.781
ns
4mA
GCLK
t
co
3.569
3.602
5.311
5.491
6.176
5.899
6.321
5.491
6.176
5.899
6.321
ns
GCLK
PLL
t
co
4.012
4.001
5.946
6.175
6.763
6.591
7.225
6.175
6.763
6.591
7.225
ns
6mA
GCLK
t
co
3.544
3.577
5.244
5.431
6.059
5.832
6.254
5.431
6.059
5.832
6.254
ns
GCLK
PLL
t
co
3.987
3.976
5.879
6.115
6.696
6.524
7.108
6.115
6.696
6.524
7.108
ns
8mA
GCLK
t
co
3.533
3.566
5.227
5.406
6.027
5.812
6.234
5.406
6.027
5.812
6.234
ns
GCLK
PLL
t
co
3.976
3.965
5.862
6.090
6.676
6.504
7.076
6.090
6.676
6.504
7.076
ns
10mA
GCLK
t
co
3.478
3.511
5.189
5.355
5.945
5.742
6.164
5.355
5.945
5.742
6.164
ns
GCLK
PLL
t
co
3.921
3.910
5.824
6.039
6.606
6.434
6.994
6.039
6.606
6.434
6.994
ns
12mA
GCLK
t
co
3.473
3.506
5.172
5.344
5.903
5.731
6.153
5.344
5.903
5.731
6.153
ns
GCLK
PLL
t
co
3.916
3.905
5.807
6.028
6.595
6.423
6.952
6.028
6.595
6.423
6.952
ns
Table 1–133. EP3SE260 Column Pins Output Timing Parameters (Part 3 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com