Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 304 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 304 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 300Page - Altera Corporation EP3SE110 Datasheet HTML 301Page - Altera Corporation EP3SE110 Datasheet HTML 302Page - Altera Corporation EP3SE110 Datasheet HTML 303Page - Altera Corporation EP3SE110 Datasheet HTML 304Page - Altera Corporation EP3SE110 Datasheet HTML 305Page - Altera Corporation EP3SE110 Datasheet HTML 306Page - Altera Corporation EP3SE110 Datasheet HTML 307Page - Altera Corporation EP3SE110 Datasheet HTML 308Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 341 page
background image
1–294
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–134 lists the EP3SE260 row pins output timing parameters for single-ended
I/O standards.
1.2-V
HSTL
CLASS I
4mA
GCLK
tco
3.491
3.524
5.175
5.343
5.945
5.728
6.150
5.343
5.945
5.728
6.150
ns
GCLK
PLL
t
co
3.934
3.923
5.810
6.027
6.592
6.420
6.994
6.027
6.592
6.420
6.994
ns
6mA
GCLK
tco
3.483
3.516
5.166
5.334
5.928
5.719
6.141
5.334
5.928
5.719
6.141
ns
GCLK
PLL
t
co
3.926
3.915
5.801
6.018
6.583
6.411
6.977
6.018
6.583
6.411
6.977
ns
8mA
GCLK
t
co
3.484
3.517
5.174
5.342
5.924
5.728
6.150
5.342
5.924
5.728
6.150
ns
GCLK
PLL
t
co
3.927
3.916
5.809
6.026
6.592
6.420
6.973
6.026
6.592
6.420
6.973
ns
10mA
GCLK
t
co
3.473
3.506
5.161
5.329
5.901
5.714
6.136
5.329
5.901
5.714
6.136
ns
GCLK
PLL
t
co
3.916
3.905
5.796
6.013
6.578
6.406
6.950
6.013
6.578
6.406
6.950
ns
12mA
GCLK
t
co
3.473
3.506
5.161
5.329
5.902
5.715
6.137
5.329
5.902
5.715
6.137
ns
GCLK
PLL
t
co
3.916
3.905
5.796
6.013
6.579
6.407
6.951
6.013
6.579
6.407
6.951
ns
1.2-V
HSTL
CLASS II
16mA
GCLK
t
co
3.494
3.527
5.177
5.344
5.980
5.728
6.150
5.344
5.980
5.728
6.150
ns
GCLK
PLL
tco
3.937
3.926
5.812
6.028
6.592
6.420
7.029
6.028
6.592
6.420
7.029
ns
3.0-V PCI
—
GCLK
t
co
3.597
3.630
5.222
5.378
5.955
5.753
6.175
5.378
5.955
5.753
6.175
ns
GCLK
PLL
tco
4.040
4.029
5.857
6.062
6.617
6.445
7.004
6.062
6.617
6.445
7.004
ns
3.0-V
PCI-X
—
GCLK
t
co
3.597
3.630
5.222
5.378
5.955
5.753
6.175
5.378
5.955
5.753
6.175
ns
GCLK
PLL
t
co
4.040
4.029
5.857
6.062
6.617
6.445
7.004
6.062
6.617
6.445
7.004
ns
Table 1–133. EP3SE260 Column Pins Output Timing Parameters (Part 7 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–134. EP3SE260 Row Pins Output Timing Parameters (Part 1 of 5)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.648
3.902
5.663 5.865 6.484 6.256 6.709 6.063 6.530 6.256 6.709
ns
GCLK
PLL
t
co
1.582
1.785
2.228 2.322 2.505 2.489 2.454 2.441 2.632 2.489 2.454
ns
8mA
GCLK
tco
3.555
3.797
5.533 5.727 6.340 6.112 6.565 5.922 6.414 6.112 6.565
ns
GCLK
PLL
t
co
1.489
1.680
2.098 2.184 2.361 2.346 2.310 2.300 2.483 2.346 2.310
ns
12mA
GCLK
t
co
3.456
3.707
5.414 5.604 6.212 5.995 6.446 5.795 6.315 5.995 6.446
ns
GCLK
PLL
t
co
1.390
1.574
1.979 2.061 2.233 2.250 2.182 2.173 2.354 2.250 2.182
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com