Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 302 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 302 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 298Page - Altera Corporation EP3SE110 Datasheet HTML 299Page - Altera Corporation EP3SE110 Datasheet HTML 300Page - Altera Corporation EP3SE110 Datasheet HTML 301Page - Altera Corporation EP3SE110 Datasheet HTML 302Page - Altera Corporation EP3SE110 Datasheet HTML 303Page - Altera Corporation EP3SE110 Datasheet HTML 304Page - Altera Corporation EP3SE110 Datasheet HTML 305Page - Altera Corporation EP3SE110 Datasheet HTML 306Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 341 page
background image
1–292
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
SSTL-18
CLASS II
8mA
GCLK
tco
3.476
3.509
5.153
5.317
5.896
5.698
6.120
5.317
5.896
5.698
6.120
ns
GCLK
PLL
t
co
3.919
3.908
5.788
6.001
6.562
6.390
6.945
6.001
6.562
6.390
6.945
ns
16mA
GCLK
tco
3.479
3.512
5.161
5.326
5.901
5.710
6.132
5.326
5.901
5.710
6.132
ns
GCLK
PLL
t
co
3.922
3.911
5.796
6.010
6.574
6.402
6.950
6.010
6.574
6.402
6.950
ns
SSTL-15
CLASS I
4mA
GCLK
t
co
3.500
3.533
5.188
5.356
5.967
5.740
6.162
5.356
5.967
5.740
6.162
ns
GCLK
PLL
t
co
3.943
3.932
5.823
6.040
6.604
6.432
7.016
6.040
6.604
6.432
7.016
ns
6mA
GCLK
t
co
3.486
3.519
5.178
5.346
5.941
5.731
6.153
5.346
5.941
5.731
6.153
ns
GCLK
PLL
t
co
3.929
3.918
5.813
6.030
6.595
6.423
6.990
6.030
6.595
6.423
6.990
ns
8mA
GCLK
t
co
3.475
3.508
5.164
5.332
5.917
5.717
6.139
5.332
5.917
5.717
6.139
ns
GCLK
PLL
t
co
3.918
3.907
5.799
6.016
6.581
6.409
6.966
6.016
6.581
6.409
6.966
ns
10mA
GCLK
t
co
3.474
3.507
5.167
5.335
5.906
5.721
6.143
5.335
5.906
5.721
6.143
ns
GCLK
PLL
tco
3.917
3.906
5.802
6.019
6.585
6.413
6.955
6.019
6.585
6.413
6.955
ns
12mA
GCLK
t
co
3.471
3.504
5.162
5.330
5.896
5.715
6.137
5.330
5.896
5.715
6.137
ns
GCLK
PLL
tco
3.914
3.903
5.797
6.014
6.579
6.407
6.945
6.014
6.579
6.407
6.945
ns
SSTL-15
CLASS II
8mA
GCLK
t
co
3.473
3.506
5.151
5.316
5.896
5.698
6.120
5.316
5.896
5.698
6.120
ns
GCLK
PLL
t
co
3.916
3.905
5.786
6.000
6.562
6.390
6.945
6.000
6.562
6.390
6.945
ns
16mA
GCLK
t
co
3.476
3.509
5.158
5.325
5.902
5.709
6.131
5.325
5.902
5.709
6.131
ns
GCLK
PLL
t
co
3.919
3.908
5.793
6.009
6.573
6.401
6.951
6.009
6.573
6.401
6.951
ns
Table 1–133. EP3SE260 Column Pins Output Timing Parameters (Part 5 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com