Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 299 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 299 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 295Page - Altera Corporation EP3SE110 Datasheet HTML 296Page - Altera Corporation EP3SE110 Datasheet HTML 297Page - Altera Corporation EP3SE110 Datasheet HTML 298Page - Altera Corporation EP3SE110 Datasheet HTML 299Page - Altera Corporation EP3SE110 Datasheet HTML 300Page - Altera Corporation EP3SE110 Datasheet HTML 301Page - Altera Corporation EP3SE110 Datasheet HTML 302Page - Altera Corporation EP3SE110 Datasheet HTML 303Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–289
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
3.0-V
LVCMOS
4mA
GCLK
tco
3.522
3.555
5.173
5.328
5.996
5.703
6.123
5.328
5.996
5.703
6.123
ns
GCLK
PLL
t
co
3.965
3.954
5.808
6.012
6.566
6.395
7.044
6.012
6.566
6.395
7.044
ns
8mA
GCLK
tco
3.443
3.476
5.049
5.199
5.814
5.568
5.988
5.199
5.814
5.568
5.988
ns
GCLK
PLL
t
co
3.886
3.875
5.684
5.883
6.431
6.260
6.862
5.883
6.431
6.260
6.862
ns
12mA
GCLK
t
co
3.438
3.471
5.042
5.192
5.746
5.558
5.980
5.192
5.746
5.558
5.980
ns
GCLK
PLL
t
co
3.881
3.870
5.677
5.876
6.422
6.250
6.795
5.876
6.422
6.250
6.795
ns
16mA
GCLK
t
co
3.429
3.462
5.028
5.177
5.744
5.543
5.965
5.177
5.744
5.543
5.965
ns
GCLK
PLL
t
co
3.872
3.861
5.663
5.861
6.407
6.235
6.792
5.861
6.407
6.235
6.792
ns
2.5 V
4mA
GCLK
t
co
3.644
3.677
5.380
5.555
6.278
5.950
6.370
5.555
6.278
5.950
6.370
ns
GCLK
PLL
t
co
4.087
4.076
6.015
6.239
6.813
6.642
7.326
6.239
6.813
6.642
7.326
ns
8mA
GCLK
t
co
3.544
3.577
5.261
5.429
6.081
5.818
6.238
5.429
6.081
5.818
6.238
ns
GCLK
PLL
tco
3.987
3.976
5.896
6.113
6.681
6.510
7.129
6.113
6.681
6.510
7.129
ns
12mA
GCLK
t
co
3.500
3.533
5.174
5.338
5.941
5.721
6.143
5.338
5.941
5.721
6.143
ns
GCLK
PLL
tco
3.943
3.932
5.809
6.022
6.585
6.413
6.989
6.022
6.585
6.413
6.989
ns
16mA
GCLK
t
co
3.462
3.495
5.135
5.296
5.891
5.678
6.100
5.296
5.891
5.678
6.100
ns
GCLK
PLL
t
co
3.905
3.894
5.770
5.980
6.542
6.370
6.939
5.980
6.542
6.370
6.939
ns
Table 1–133. EP3SE260 Column Pins Output Timing Parameters (Part 2 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com