Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 303 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 303 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 299Page - Altera Corporation EP3SE110 Datasheet HTML 300Page - Altera Corporation EP3SE110 Datasheet HTML 301Page - Altera Corporation EP3SE110 Datasheet HTML 302Page - Altera Corporation EP3SE110 Datasheet HTML 303Page - Altera Corporation EP3SE110 Datasheet HTML 304Page - Altera Corporation EP3SE110 Datasheet HTML 305Page - Altera Corporation EP3SE110 Datasheet HTML 306Page - Altera Corporation EP3SE110 Datasheet HTML 307Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–293
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.8-V
HSTL
CLASS I
4mA
GCLK
tco
3.483
3.516
5.153
5.316
5.910
5.696
6.118
5.316
5.910
5.696
6.118
ns
GCLK
PLL
t
co
3.926
3.915
5.788
6.000
6.560
6.388
6.959
6.000
6.560
6.388
6.959
ns
6mA
GCLK
tco
3.476
3.509
5.151
5.314
5.906
5.695
6.117
5.314
5.906
5.695
6.117
ns
GCLK
PLL
t
co
3.919
3.908
5.786
5.998
6.559
6.387
6.954
5.998
6.559
6.387
6.954
ns
8mA
GCLK
t
co
3.468
3.501
5.143
5.307
5.879
5.688
6.110
5.307
5.879
5.688
6.110
ns
GCLK
PLL
t
co
3.911
3.900
5.778
5.991
6.552
6.380
6.928
5.991
6.552
6.380
6.928
ns
10mA
GCLK
t
co
3.471
3.504
5.146
5.310
5.882
5.692
6.114
5.310
5.882
5.692
6.114
ns
GCLK
PLL
t
co
3.914
3.903
5.781
5.994
6.556
6.384
6.931
5.994
6.556
6.384
6.931
ns
12mA
GCLK
t
co
3.468
3.501
5.149
5.314
5.881
5.696
6.118
5.314
5.881
5.696
6.118
ns
GCLK
PLL
t
co
3.911
3.900
5.784
5.998
6.560
6.388
6.929
5.998
6.560
6.388
6.929
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
t
co
3.476
3.509
5.148
5.311
5.878
5.692
6.114
5.311
5.878
5.692
6.114
ns
GCLK
PLL
tco
3.919
3.908
5.783
5.995
6.556
6.384
6.927
5.995
6.556
6.384
6.927
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.488
3.521
5.161
5.326
5.926
5.707
6.129
5.326
5.926
5.707
6.129
ns
GCLK
PLL
tco
3.931
3.920
5.796
6.010
6.571
6.399
6.975
6.010
6.571
6.399
6.975
ns
6mA
GCLK
t
co
3.484
3.517
5.162
5.327
5.915
5.710
6.132
5.327
5.915
5.710
6.132
ns
GCLK
PLL
t
co
3.927
3.916
5.797
6.011
6.574
6.402
6.964
6.011
6.574
6.402
6.964
ns
8mA
GCLK
t
co
3.480
3.513
5.158
5.323
5.909
5.705
6.127
5.323
5.909
5.705
6.127
ns
GCLK
PLL
t
co
3.923
3.912
5.793
6.007
6.569
6.397
6.958
6.007
6.569
6.397
6.958
ns
10mA
GCLK
t
co
3.473
3.506
5.151
5.316
5.896
5.698
6.120
5.316
5.896
5.698
6.120
ns
GCLK
PLL
t
co
3.916
3.905
5.786
6.000
6.562
6.390
6.945
6.000
6.562
6.390
6.945
ns
12mA
GCLK
t
co
3.474
3.507
5.158
5.324
5.892
5.708
6.130
5.324
5.892
5.708
6.130
ns
GCLK
PLL
t
co
3.917
3.906
5.793
6.008
6.572
6.400
6.941
6.008
6.572
6.400
6.941
ns
1.5-V
HSTL
CLASS II
16mA
GCLK
t
co
3.472
3.505
5.139
5.302
5.871
5.682
6.104
5.302
5.871
5.682
6.104
ns
GCLK
PLL
t
co
3.915
3.904
5.774
5.986
6.546
6.374
6.920
5.986
6.546
6.374
6.920
ns
Table 1–133. EP3SE260 Column Pins Output Timing Parameters (Part 6 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com