Electronic Components Datasheet Search
  English  ▼

X  

AD9779A-EBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9779A-EBZ
Description  Dual, 12-/14-/16-Bit,1 GSPS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779A-EBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9779A-EBZ Datasheet HTML 28Page - Analog Devices AD9779A-EBZ Datasheet HTML 29Page - Analog Devices AD9779A-EBZ Datasheet HTML 30Page - Analog Devices AD9779A-EBZ Datasheet HTML 31Page - Analog Devices AD9779A-EBZ Datasheet HTML 32Page - Analog Devices AD9779A-EBZ Datasheet HTML 33Page - Analog Devices AD9779A-EBZ Datasheet HTML 34Page - Analog Devices AD9779A-EBZ Datasheet HTML 35Page - Analog Devices AD9779A-EBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
AD9776A/AD9778A/AD9779A
Rev. B | Page 32 of 56
Register
Address
Bits
Register Name
Parameter
Function
Default
AUX DAC2 Control
0x12
0x11
1:0
7:0
Auxiliary DAC2 Data[9:8]
Auxiliary DAC2 Data[7:0]
Auxiliary DAC2 Data[9:0] is the 10-bit output
current control word. Magnitude of the auxiliary
DAC current increases with increasing value. Bit 9 is
the MSB and Bit 0 is the LSB.
00
00000000
0x12
7
Auxiliary DAC2 sign
0: AUX2_P active.
1: AUX2_N active.
0
0x12
6
Auxiliary DAC2 current
direction
0: source.
1: sink.
0
0x12
5
Auxiliary DAC2 power-down
0: auxiliary DAC2 on.
1: auxiliary DAC2 off.
0
0x13 to
0x18
Reserved
Interrupt
0x19
7
Data timing error IRQ
Read only. Active high indicates a timing violation
occurred on the input data port. The IRQ is latched.
This bit is cleared when the Interrupt register is read.
0
0x19
6
Sync timing error IRQ
Read only. Active high indicates a timing violation
occurred on the SYNC_I input. The IRQ is latched.
This bit is cleared when the Interrupt register is read.
0
0x19
4
Data timing error type
Read only. Indicates the timing error type.
0: hold time violation.
1: setup time violation.
Meaningful when data timing error IRQ is active.
0
0x19
3
Data timing error IRQ enable
0: data timing error IRQ is masked.
1: data timing error IRQ is enabled.
0
0x19
2
Sync timing error IRQ enable
0: sync timing error IRQ is masked.
1: sync timing error IRQ is enabled.
0
0x19
0
Internal sync loopback
The received SYNC_O signal is looped back to the
SYNC_I signal.
0
Version
0x1F
7:0
Version[7:0]
Indicates device hardware revision number.
00000111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com