Electronic Components Datasheet Search
  English  ▼

X  

AD9779A-EBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9779A-EBZ
Description  Dual, 12-/14-/16-Bit,1 GSPS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779A-EBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9779A-EBZ Datasheet HTML 16Page - Analog Devices AD9779A-EBZ Datasheet HTML 17Page - Analog Devices AD9779A-EBZ Datasheet HTML 18Page - Analog Devices AD9779A-EBZ Datasheet HTML 19Page - Analog Devices AD9779A-EBZ Datasheet HTML 20Page - Analog Devices AD9779A-EBZ Datasheet HTML 21Page - Analog Devices AD9779A-EBZ Datasheet HTML 22Page - Analog Devices AD9779A-EBZ Datasheet HTML 23Page - Analog Devices AD9779A-EBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
AD9776A/AD9778A/AD9779A
Rev. B | Page 20 of 56
–150
–170
0
100
fOUT (MHz)
–154
–158
–162
–166
20
40
60
80
fDAC = 800MSPS
fDAC = 400MSPS
fDAC = 200MSPS
Figure 30. AD9779A Noise Spectral Density vs. fOUT,
fDAC Over Output Frequency with a Single-Tone Input at −6 dBFS
–55
–90
–85
–80
–75
–70
–65
–60
0
260
240
220
200
180
160
140
120
100
80
60
40
20
fOUT (MHz)
0dBFS, PLL DISABLED
–3dBFS, PLL DISABLED
–6dBFS, PLL DISABLED
0dBFS, PLL ENABLED
Figure 31. AD9779A ACLR for First Adjacent Band W-CDMA,
4× Interpolation, fDATA = 122.88 MSPS,
On-Chip Modulation Translates Baseband Signal to IF
SPAN 50MHz
SWEEP 162.2ms (601 pts)
VBW 300kHz
CENTER 143.88MHz
*RES BW 30kHz
RMS RESULTS
CARRIER POWER
–12.49dBm/
3.84000MHz
FREQ OFFSET
5.000MHz
10.00MHz
15.00MHz
REF BW
3.840MHz
3.840MHz
3.840MHz
dBc
–76.75
–80.94
–79.95
dBm
–89.23
–93.43
–92.44
LOWER
dBc
–77.42
–80.47
–78.96
dBm
–89.91
–92.96
–91.45
UPPER
REF –25.28dBm
*AVG
log
10dB
PAVG
10
W1 S2
*ATTEN 4dB
EXT REF
Figure 32. AD9779A W-CDMA Signal,
4× Interpolation, fDATA = 122.88 MSPS, fDAC/4 Modulation
–55
–90
–85
–80
–75
–70
–65
–60
0
260
240
220
200
180
160
140
120
100
80
60
40
20
fOUT (MHz)
–3dBFS, PLL DISABLED
–6dBFS, PLL DISABLED
0dBFS, PLL ENABLED
0dBFS, PLL DISABLED
Figure 33. AD9779A ACLR for Second Adjacent Band W-CDMA,
4× Interpolation, fDATA = 122.88 MSPS,
On-Chip Modulation Translates Baseband Signal to IF
–55
–90
–85
–80
–75
–70
–65
–60
0
260
240
220
200
180
160
140
120
100
80
60
40
20
fOUT (MHz)
–3dBFS, PLL DISABLED
–6dBFS, PLL DISABLED
0dBFS, PLL ENABLED
0dBFS, PLL DISABLED
Figure 34. AD9779A ACLR for Third Adjacent Band W-CDMA,
4× Interpolation, fDATA = 122.88 MSPS,
On-Chip Modulation Translates Baseband Signal to IF
SPAN 50MHz
SWEEP 162.2ms (601 pts)
VBW 300kHz
CENTER 151.38MHz
*RES BW 30kHz
1 –17.87dBm
2 –20.65dBm
3 –18.26dBm
4 –18.23dBm
TOTAL CARRIER POWER –12.61dBm/15.3600MHz
REF CARRIER POWER –17.87dBm/3.84000MHz
FREQ OFFSET
5.000MHz
10.00MHz
15.00MHz
INTEG BW
3.840MHz
3.840MHz
3.840MHz
dBc
–67.70
–70.00
–71.65
dBm
–85.57
–97.87
–99.52
LOWER
dBc
–67.70
–69.32
–71.00
dBm
–85.57
–87.19
–88.88
UPPER
REF –30.28dBm
*AVG
log
10dB
PAVG
10
W1 S2
*ATTEN 4dB
EXT REF
Figure 35. AD9779A Multicarrier W-CDMA Signal,
4× Interpolation, fDAC = 122.88 MSPS, fDAC/4 Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com