Electronic Components Datasheet Search
  English  ▼

X  

AD9779A-EBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9779A-EBZ
Description  Dual, 12-/14-/16-Bit,1 GSPS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779A-EBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9779A-EBZ Datasheet HTML 21Page - Analog Devices AD9779A-EBZ Datasheet HTML 22Page - Analog Devices AD9779A-EBZ Datasheet HTML 23Page - Analog Devices AD9779A-EBZ Datasheet HTML 24Page - Analog Devices AD9779A-EBZ Datasheet HTML 25Page - Analog Devices AD9779A-EBZ Datasheet HTML 26Page - Analog Devices AD9779A-EBZ Datasheet HTML 27Page - Analog Devices AD9779A-EBZ Datasheet HTML 28Page - Analog Devices AD9779A-EBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
AD9776A/AD9778A/AD9779A
Rev. B | Page 25 of 56
THEORY OF OPERATION
The AD9776A/AD9778A/AD9779A have many features that
make them highly suited for wired and wireless communications
systems. The dual digital signal path and dual DAC structure
allow an easy interface with common quadrature modulators
when designing single sideband transmitters. The speed and
performance of the parts allow wider bandwidths and more
carriers to be synthesized than in previously available DACs.
The digital engine uses an innovative filter architecture that
combines the interpolation with a digital quadrature modulator.
This allows the parts to perform digital quadrature frequency
upconversions. The on-chip synchronization circuitry enables
multiple devices to be synchronized to each other, or to a
system clock.
DIFFERENCES BETWEEN AD9776/AD9778/
AD9779 AND AD9776A/AD9778A/AD9779A
REFCLK Maximum Frequency vs. Supply
With some restrictions on the DVDD18 and CVDD18 power
supplies, the AD9776A/AD9778A/AD9779A support a maxi-
mum sample rate of 1100 MHz. Table 2 lists the valid operating
frequencies vs. power supply voltage.
REFCLK Amplitude
With a differential sinusoidal clock applied to REFCLK, the
PLL on the AD9776/AD9778/AD9779 does not achieve optimal
noise performance unless the REFCLK differential amplitude is
increased to 2 V p-p. Note that if an LVPECL driver is used on the
AD9776/AD9778/AD9779, the PLL exhibits optimal performance
if the REFCLK amplitude is well within LVPECL specifications
(<1.6 V p-p differential). The design of the PLL on the AD9779A
has been improved so that even with a sinusoidal clock, the PLL
still achieves optimal amplitude if the swing is 1.6 V p-p.
PLL Lock Ranges
The individual lock ranges for the AD9776A/AD9778A/AD9779A
PLL are wider than those for the AD9776/AD9778/AD9779.
This means that the AD9776A/AD9778A/AD9779A PLL
remains in lock in a given range over a wider temperature range
than the AD9776/AD9778/AD9779. See Table 23 for PLL lock
ranges for the AD9776A/AD9778A/AD9779A.
PLL Optimal Settings
The optimal settings for the AD9776/AD9778/AD9779 differ
from the AD9776A/AD9778A/AD9779A. Refer to the PLL Bias
Settings section for complete details.
Input Data Delay Line, Manual and Automatic
Correction Modes
The AD9776A/AD9778A/AD9779A can be programmed to not
only sense when the timing margin on the input data falls below
a preset threshold but to also take action. The device can be
programmed to either set the IRQ (pin and register) or
automatically reoptimize the timing input data timing.
Input Data Timing
See Table 28 for timing specifications vs. temperature. The
input data timing specifications (setup and hold) are different
for the AD9776A/AD9778A/AD9779A than they are for the
AD9776/AD9778/AD9779.
DATACLK Delay Range
In the AD9776/AD9778/AD9779, the input data delay was
controlled by Register 0x04, Bits[7:4]. At 25°C, the delay was
stepped by approximately 180 ps/increment. In the AD9776A/
AD9778A/AD9779A, an extra bit has been added, which effectively
doubles the delay range. This bit is now located at Register 0x01,
Bit 1. The increment/step on the AD9776A/AD9778A/AD9779A
remains at ~180 ps.
Version Register
The version register (Register 0x1F) of the AD9776A/AD9778A/
AD9779A reads a value of 0x07. The version register of the
AD9776/AD9778/AD9779 reads a value of 0x03.
Table 10. Register Value Differences Between AD9776/AD9778/AD9779 and AD9776A/AD9778A/AD9779A
Part No.
PLL Loop Bandwidth,
Register 0x0A, Bits[4:0]
PLL Bias,
Register 0x09, Bits[2:0]
VCO Control Voltage,
Register 0x0A, Bits[7:5]
PLL VCO Drive,
Register 0x08, Bits[1:0]
AD9776/AD9778/AD9779
11111
111
010
00
AD9776A/AD9778A/AD9779A
01111
011
011
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com