Electronic Components Datasheet Search
  English  ▼

X  

AD9779A-EBZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9779A-EBZ
Description  Dual, 12-/14-/16-Bit,1 GSPS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779A-EBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9779A-EBZ Datasheet HTML 15Page - Analog Devices AD9779A-EBZ Datasheet HTML 16Page - Analog Devices AD9779A-EBZ Datasheet HTML 17Page - Analog Devices AD9779A-EBZ Datasheet HTML 18Page - Analog Devices AD9779A-EBZ Datasheet HTML 19Page - Analog Devices AD9779A-EBZ Datasheet HTML 20Page - Analog Devices AD9779A-EBZ Datasheet HTML 21Page - Analog Devices AD9779A-EBZ Datasheet HTML 22Page - Analog Devices AD9779A-EBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
AD9776A/AD9778A/AD9779A
Rev. B | Page 19 of 56
100
50
55
60
65
70
75
80
85
90
95
0
400
fOUT (MHz)
80
160
240
360
320
40
120
200
280
0dBFS
–3dBFS
–6dBFS
Figure 24. AD9779A IMD Performance vs. fOUT,
Digital Full-Scale Input Over Output Frequency,
4× Interpolation, fDATA = 200 MSPS
100
50
55
60
65
70
75
80
85
90
95
0
400
fOUT (MHz)
80
160
240
360
320
40
120
200
280
20mA
10mA
30mA
Figure 25. AD9779A IMD Performance vs. fOUT,
Full-Scale Output Current Over Output Frequency,
4× Interpolation, fDATA = 200 MSPS
STOP 400.0MHz
SWEEP 1.203s (601 pts)
VBW 20kHz
START 1.0MHz
*RES BW 20kHz
REF 0dBm
*PEAK
log
10dB
LGAV
51
W1
S3
£(f):
FTUN
SWP
S2
FC
AA
*ATTEN 20dB
EXT REF
DC-COUPLED
Figure 26. AD9779A Single Tone,
4× Interpolation, fDATA = 100 MSPS, fOUT = 30 MHz
STOP 400.0MHz
SWEEP 1.203s (601 pts)
VBW 20kHz
START 1.0MHz
*RES BW 20kHz
REF 0dBm
*PEAK
Log
10dB
LGAV
51
W1
S3
£(f):
FTUN
SWP
S2
FC
AA
*ATTEN 20dB
EXT REF
DC-COUPLED
Figure 27. AD9779A Two-Tone Spectrum,
4× Interpolation, fDATA = 100 MSPS, fOUT = 30 MHz, 35 MHz
–142
–146
–150
–154
–158
–162
–166
–170
0
fOUT (MHz)
20
40
60
80
0dBFS
–3dBFS
–6dBFS
Figure 28. AD9779A Noise Spectral Density vs. fOUT,
Digital Full-Scale Over Output Frequency of Single-Tone Input,
2× Interpolation, fDATA = 200 MSPS
–150
–170
0
100
fOUT (MHz)
–154
–158
–162
–166
20
40
60
80
fDAC = 800MSPS
fDAC = 400MSPS
fDAC = 200MSPS
Figure 29. AD9779A Noise Spectral Density vs. fOUT,
fDAC Over Output Frequency for Eight-Tone Input with 500 kHz Spacing,
fDATA = 200 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com